Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ256GP710 Datasheet(PDF) 19 Page - Microchip Technology

Part # 33FJ256GP710
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ256GP710 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 33FJ256GP710 Datasheet HTML 15Page - Microchip Technology 33FJ256GP710 Datasheet HTML 16Page - Microchip Technology 33FJ256GP710 Datasheet HTML 17Page - Microchip Technology 33FJ256GP710 Datasheet HTML 18Page - Microchip Technology 33FJ256GP710 Datasheet HTML 19Page - Microchip Technology 33FJ256GP710 Datasheet HTML 20Page - Microchip Technology 33FJ256GP710 Datasheet HTML 21Page - Microchip Technology 33FJ256GP710 Datasheet HTML 22Page - Microchip Technology 33FJ256GP710 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 17
dsPIC33F
40
0x000054
0x000154
SPI2E – SPI2 Error
41
0x000056
0x000156
SPI1D – SPI1 Transfer Done
42
0x000058
0x000158
C1RX – ECAN1 Receive Data Ready
43
0x00005A
0x00015A
C1 – CAN1 Event
44
0x00005C
0x00015C
DMA3 – DMA Channel 3
45
0x00005E
0x00015E
IC3 – Input Capture 3
46
0x000060
0x000160
IC4 – Input Capture 4
47
0x000062
0x000162
IC5 – Input Capture 5
48
0x000064
0x000164
IC6 – Input Capture 6
49
0x000066
0x000166
OC5 – Output Compare 5
50
0x000068
0x000168
OC6 – Output Compare 6
51
0x00006A
0x00016A
OC7 – Output Compare 7
52
0x00006C
0x00016C
OC8 – Output Compare 8
53
0x00006E
0x00016E
Reserved
54
0x000070
0x000170
DMA4 – DMA Channel 4
55
0x000072
0x000172
T6 – Timer6
56
0x000074
0x000174
T7 – Timer7
57
0x000076
0x000176
I2C2D – I2C2 Transfer Done
58
0x000078
0x000178
I2C2E – I2C2 Bus Collision Error
59
0x00007A
0x00017A
T8 – Timer8
60
0x00007C
0x00017C
T9 – Timer9
61
0x00007E
0x00017E
INT3 – External Interrupt 3
62
0x000080
0x000180
INT4 – External Interrupt 4
63
0x000082
0x000182
C2RX – ECAN2 Receive Data Ready
64
0x000084
0x000184
C2 – CAN2 Event
65
0x000086
0x000186
PWM – PWM Period Match
66
0x000088
0x000188
QEI – Position Counter Compare
67
0x00008A
0x00018A
DCIE – DCI Error
68
0x00008C
0x00018C
DCID – DCI Transfer Done
69
0x00008E
0x00018E
DMA5 – DMA Channel 5
70
0x000090
0x000190
RTC – Real-Time Clock
71
0x000092
0x000192
FLTA – MCPWM Fault A
72
0x000094
0x000194
FLTB – MCPWM Fault B
73
0x000096
0x000196
U1E – UART1 Error
74
0x000098
0x000198
U2E – UART2 Error
75
0x00009A
0x00019A
Reserved
76
0x00009C
0x00019C
DMA6 – DMA Channel 6
77
0x00009E
0x00019E
DMA7 – DMA Channel 7
78
0x0000A0
0x0001A0
C1TX – ECAN1 Transmit Data Request
Reserved (for devices marked “PS”)
79
0x0000A2
0x0001A2
C2TX – ECAN2 Transmit Data Request
Reserved (for devices marked “PS”)
80-125
0x0000A4-
0x0000FE
0x0001A4-
0x0001FE
Reserved
TABLE 5-1:
INTERRUPT VECTORS (CONTINUED)
Vector
Number
IVT Address
AIVT Address
Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com