Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ64MC508 Datasheet(PDF) 4 Page - Microchip Technology

Part # 33FJ64MC508
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64MC508 Datasheet(HTML) 4 Page - Microchip Technology

  33FJ64MC508 Datasheet HTML 1Page - Microchip Technology 33FJ64MC508 Datasheet HTML 2Page - Microchip Technology 33FJ64MC508 Datasheet HTML 3Page - Microchip Technology 33FJ64MC508 Datasheet HTML 4Page - Microchip Technology 33FJ64MC508 Datasheet HTML 5Page - Microchip Technology 33FJ64MC508 Datasheet HTML 6Page - Microchip Technology 33FJ64MC508 Datasheet HTML 7Page - Microchip Technology 33FJ64MC508 Datasheet HTML 8Page - Microchip Technology 33FJ64MC508 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
dsPIC33F
DS70155C-page 2
Preliminary
© 2005 Microchip Technology Inc.
Timers/Capture/Compare/PWM
• Timer/Counters: up to nine 16-bit timers:
- Can pair up to make four 32-bit timers
- 1 timer runs as Real-Time Clock with external
32 kHz oscillator
- Programmable prescaler
• Input Capture (up to 8 channels):
- Capture on up, down or both edges
- 16-bit capture input functions
- 4-deep FIFO on each capture
• Output Compare (up to 8 channels):
- Single or Dual 16-Bit Compare mode
- 16-Bit Glitchless PWM mode
Communication Modules
• 3-wire SPI™ (up to 2 modules):
- Framing supports I/O interface to simple
codecs
- Supports 8-bit and 16-bit data
- Supports all serial clock formats and
sampling modes
- 8-word FIFO buffers
•I2C™ (up to 2 modules):
- Full Multi-Master Slave mode support
- 7-bit and 10-bit addressing
- Bus collision detection and arbitration
- Integrated signal conditioning
-Address masking
• UART (up to 2 modules):
- Interrupt-on-address bit detect
- Wake-up-on-Start bit from Sleep mode
- 4-character TX and RX FIFO buffers
- LIN bus support
-IrDA® encoding and decoding in hardware
- High-Speed Baud mode
• Data Conversion Interface (DCI) module:
- Codec interface
- Supports I2S and AC’97 protocols
- Up to 16-bit data words, up to 16 words per
frame
- 4-word deep TX and RX buffers
• Enhanced CAN 2.0B active (up to 2 modules):
- Up to 8 transmit and up to 16 receive buffers
- 16 receive filters and 3 masks
- Loopback, Listen Only and Listen All
Messages modes for diagnostics and bus
monitoring
- Wake-up on CAN message
- FIFO mode using DMA
Motor Control Peripherals
• Motor Control PWM (up to 8 channels):
- 4 duty cycle generators
- Independent or Complementary mode
- Programmable dead time and output polarity
- Edge or center-aligned
- Manual output override control
- Up to 2 Fault inputs
- Trigger for A/D conversions
- PWM frequency for 16-bit resolution
(@ 40 MIPS) = 1220 Hz for Edge-Aligned
mode, 610 Hz for Center-Aligned mode
- PWM frequency for 11-bit resolution
(@ 40 MIPS) = 39.1 kHz for Edge-Aligned
mode, 19.55 kHz for Center-Aligned mode
• Quadrature Encoder Interface module:
- Phase A, Phase B and index pulse input
- 16-bit up/down position counter
- Count direction status
- Position Measurement (x2 and x4) mode
- Programmable digital noise filters on inputs
- Alternate 16-bit Timer/Counter mode
- Interrupt on position counter rollover/
underflow
Analog-to-Digital Converters
• Up to two 10-bit or 12-bit A/D modules in a device
• 10-bit 2.2 Msps or 12-bit 1 Msps conversion:
- 2 or 4 simultaneous samples
- Up to 32 input channels with auto-scanning
- 16-deep result buffer
- Conversion start can be manual or
synchronized with 1 of 4 trigger sources
- Conversion possible in Sleep mode
- ±1 LSB max integral nonlinearity
- ±1 LSB max differential nonlinearity
CMOS Flash Technology
• Low-power, high-speed Flash technology
• Fully static design
• 3.3V (+/- 10%) operating voltage
• Industrial temperature
• Low-power consumption
Packaging:
• 100-pin TQFP (14x14x1 mm and 12x12x1 mm)
• 80-pin TQFP (12x12x1 mm)
• 64-pin TQFP (10x10x1 mm)
Note:
See Table 1-1 and Table 1-2 for exact
peripheral features per device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com