Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22151 Datasheet(PDF) 6 Page - Analog Devices

Part # AD22151
Description  Linear Output Magnetic Field Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22151 Datasheet(HTML) 6 Page - Analog Devices

  AD22151 Datasheet HTML 1Page - Analog Devices AD22151 Datasheet HTML 2Page - Analog Devices AD22151 Datasheet HTML 3Page - Analog Devices AD22151 Datasheet HTML 4Page - Analog Devices AD22151 Datasheet HTML 5Page - Analog Devices AD22151 Datasheet HTML 6Page - Analog Devices AD22151 Datasheet HTML 7Page - Analog Devices AD22151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
–6–
AD22151
Knowing the values of R3 and R4 and noting Equation 2, the
parallel combination of R2 and R4 required is:
85
15 1
6 071
k
k
Ω
Ω
–
.
()
=
Thus:
R
kk
k
2
1
1
6 071
1
141 666
6 342
=




=
.
–
.
.
ΩΩ
Ω
NOISE
The principal noise component in the sensor is thermal noise
from the Hall cell. Clock feedthrough into the output signal is
largely suppressed with application of a supply bypass capacitor.
Figure 12 shows the power spectral density (PSD) of the output
signal for a gain of 5 mV/Gauss. The effective bandwidth of the
sensor is approximately 5.7 kHz, as shown in Figure 13. The
PSD indicates an rms noise voltage of 2.8 mV within the 3 dB
bandwidth of the sensor. A wideband measurement of 250 MHz
indicates 3.2 mV rms (see Figure 14a).
In many position sensing applications, bandwidth requirements
can be as low as 100 Hz. Passing the output signal through a
100 Hz LP filter, for example, would reduce the rms noise volt-
age to
1 mV. A dominant pole may be introduced into the
output amplifier response by connection of a capacitor across
feedback resistor R3 as a simple means of reducing noise at the
expense of bandwidth. Figure 14b indicates the output signal of
a 5 mV/G sensor bandwidth limited to 180 Hz with a 0.01
µF
feedback capacitor.
Note: Measurements were taken with a 0.1
µF decoupling
capacitor between VCC and GND at 25
°C.
LOGMAG
5 dB/div
100 H
1 H
START: 64Hz
NOISE: PSD (8mV/GAUSS)
STOP: 25.6kHz
RMS: 64
B MARKER
64Hz
Y: 3.351 H
Figure 12. Power Spectral Density (5 mV/G)
GAIN – mV/Gauss
23
4
56
0
2
3
4
5
1
6
7
1
3dB FREQUENCY (kHz)
Figure 13. Small Signal Gain Bandwidth vs. Gain
CH2 10.0mV
BW M2.00ms
[
[
T
3ACQS
CH2 p-p
19.2mV
TEK STOP: 25.0 kS/s
Figure 14a. Peak-to-Peak Full Bandwidth (10 mV/Division)
BW M2.00ms
[
[
T
7ACQS
CH2 p-p
4.4mV
TEK STOP: 25.0 kS/s
CH2 10.0mV
Figure 14b. Peak-to-Peak 180 Hz Bandwidth
(10 mV/Division)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com