Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP7940N-I/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP7940N-I/ST
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N-I/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP7940N-I/ST Datasheet HTML 6Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 7Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 8Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 9Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 10Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 11Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 12Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 13Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP7940N
DS25010E-page 10
 2011-2013 Microchip Technology Inc.
5.0
RTCC FUNCTIONALITY
The MCP7940N family is a highly integrated RTCC.
On-board time and date counters are driven from a low-
power oscillator to maintain the time and date. An
integrated VCC switch enables the device to maintain
the time and date and also the contents of the SRAM
during a VCC power failure.
5.1
RTCC MEMORY MAP
The RTCC registers are contained in addresses
0x00h-0x1fh. 64 bytes of user-accessable SRAM are
located in the address range 0x20-0x5f. The SRAM
memory is a separate block from the RTCC control
and Configuration registers. All SRAM locations are
battery-backed-up during a VCC power fail. Unused
locations are not accessible, MCP7940N will noACK
after the address byte if the address is out of range, as
shown in the shaded region of the memory map in
Figure 5-1. The shaded areas are not implemented
and read as ‘0’. No error checking is provided when
loading time and date registers.
• Addresses 0x00h-0x06h are the RTCC Time and
Date registers. These are read/write registers.
Care must be taken when accessing these
registers while the oscillator is running.
• Incorrect data can appear in the Time and Date
registers if a write is attempted during the time
frame where these internal registers are being
incremented. The user can minimize the likeli-
hood of data corruption by ensuring that any
writes to the Time and Date registers occur before
the contents of the second register reach a value
of 0x59H.
• Addresses 0x07h-0x09h are the device Configu-
ration and Calibration.
• Addresses 0x0Ah-0x10h are the Alarm 0
registers. These are used to set up the Alarm 0,
the Interrupt polarity and the Alarm 0 compare.
• Addresses 0x11h-0x17h are the same as 0x0Bh-
0x11h but are used for Alarm 1.
• Addresses 0x18h-0x1Fh are used for the time-
stamp feature.
The detailed memory map is shown in Table 5-1.
FIGURE 5-1:
MEMORY MAP
0x00
0x06
Time and Date
Configuration and Calibration
Alarm 0
Alarm 1
Time-Stamp
SRAM (64 Bytes)
0x07
0x09
0x0A
0x10
0x11
0x17
0x18
0x1F
0x20
0x5F
0x60
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com