Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9808-E/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP9808-E/MS
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP9808-E/MS Datasheet HTML 12Page - Microchip Technology MCP9808-E/MS Datasheet HTML 13Page - Microchip Technology MCP9808-E/MS Datasheet HTML 14Page - Microchip Technology MCP9808-E/MS Datasheet HTML 15Page - Microchip Technology MCP9808-E/MS Datasheet HTML 16Page - Microchip Technology MCP9808-E/MS Datasheet HTML 17Page - Microchip Technology MCP9808-E/MS Datasheet HTML 18Page - Microchip Technology MCP9808-E/MS Datasheet HTML 19Page - Microchip Technology MCP9808-E/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
MCP9808
DS25095A-page 16
© 2011 Microchip Technology Inc.
5.1
Registers
The
MCP9808
has
several
registers
that
are
user-accessible. These registers include the Tempera-
ture register, Configuration register, Temperature Alert
Upper Boundary and Lower Boundary Limit registers,
Critical
Temperature
Limit
register,
Manufacturer
Identification register and Device Identification register.
The Temperature register is read-only, used to access
the ambient temperature data. This register is double-
buffered and it is updated every tCONV. The Temperature
Alert Upper Boundary and Lower Boundary Limit
registers are read/write registers. If the ambient
temperature drifts beyond the user-specified limits, the
MCP9808 outputs a signal using the Alert pin (refer to
Section 5.2.3 “Alert Output Configuration”). In
addition, the Critical Temperature Limit register is used
to provide an additional critical temperature limit.
The
Configuration
register
provides
access
to
configure the MCP9808 device’s various features.
These registers are described in further detail in the
following sections.
The registers are accessed by sending a Register
Pointer to the MCP9808, using the serial interface. This
is an 8-bit write-only pointer. However, the four Least
Significant bits are used as pointers and all unused bits
(Register Pointer<7:4>) need to be cleared or set to ‘0’.
Register 5-1 describes the pointer or the address of
each register.
REGISTER 5-1:
REGISTER POINTER (WRITE-ONLY)
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
—
—
—
—
Pointer bits
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
W: Writable bits
Write ‘0’.
Bits 7-4 must always be cleared or written to ‘0’. This device has additional registers that are reserved
for test and calibration. If these registers are accessed, the device may not perform according to the
specification.
bit 3-0
Pointer bits
0000
= RFU, Reserved for Future Use (Read-Only register)
0001
= Configuration register (CONFIG)
0010
= Alert Temperature Upper Boundary Trip register (TUPPER)
0011
= Alert Temperature Lower Boundary Trip register (TLOWER)
0100
= Critical Temperature Trip register (TCRIT)
0101
= Temperature register (TA)
0110
= Manufacturer ID register
0111
= Device ID/Revision register
1000
= Resolution register
1xxx
= Reserved(1)
Note 1:
Some registers contain calibration codes and should not be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com