Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204EMM Datasheet(PDF) 1 Page - Microchip Technology

Part # DSPIC33FJMC204EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204EMM Datasheet(HTML) 1 Page - Microchip Technology

  DSPIC33FJMC204EMM Datasheet HTML 1Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 2Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 3Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 4Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 5Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 6Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 7Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 8Page - Microchip Technology DSPIC33FJMC204EMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 1
dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304
Operating Conditions
• 3.0V to 3.6V, -40ºC to +150ºC, DC to 20 MIPS
• 3.0V to 3.6V, -40ºC to +125ºC, DC to 40 MIPS
Core: 16-bit dsPIC33F CPU
• Code-efficient (C and Assembly) architecture
• Two 40-bit wide accumulators
• Single-cycle (MAC/MPY) with dual data fetch
• Single-cycle mixed-sign MUL plus hardware divide
Clock Management
• 2% internal oscillator
• Programmable PLLs and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer (WDT)
• Fast wake-up and start-up
Power Management
• Low-power management modes (Sleep, Idle, Doze)
• Integrated Power-on Reset and Brown-out Reset
• 1.35 mA/MHz dynamic current (typical)
• 55 μA IPD current (typical)
High-Speed PWM
• Up to four PWM pairs with independent timing
• Dead time for rising and falling edges
• 12.5 ns PWM resolution
• PWM support for:
- DC/DC, AC/DC, Inverters, PFC, Lighting
- BLDC, PMSM, ACIM, SRM
• Programmable Fault inputs
• Flexible trigger configurations for ADC conversions
Advanced Analog Features
• ADC module:
- Configurable as 10-bit, 1.1 Msps with four
S&H or 12-bit, 500 ksps with one S&H
• Six analog inputs on 28-pin devices and up to
nine analog inputs on 44-pin devices
• Flexible and independent ADC trigger sources
Timers/Output Compare/Input Capture
• Three 16-bit timers/counters. Can pair up two to
make one 32-bit.
• Two Output Capture modules configurable as
timers/counters
• Four Input Capture modules
• Peripheral Pin Select (PPS) to allow function
remap
Communication Interfaces
• One UART module (10 Mbps)
• With support for LIN 2.0 protocols and IrDA®
• One 4-wire SPI module (15 Mbps)
• One I2C™ module (up to 1 Mbaud) with SMBus
support
• PPS to allow function remap
Input/Output
• Sink/Source up to 10 mA (pin specific) for stan-
dard VOH/VOL, up to 16 mA (pin specific) for
non-standard VOH1
• 5V-tolerant pins
• Selectable open drain, pull-ups, and pull-downs
• Up to 5 mA overvoltage clamp current
• External interrupts on all I/O pins
Qualification and Class B Support
• AEC-Q100 REVG (Grade 0 -40ºC to +150ºC)
• Class B Safety Library, IEC 60730
Debugger Development Support
• In-circuit and in-application programming
• Two program and two complex data breakpoints
• IEEE 1149.2-compatible (JTAG) boundary scan
• Trace and run-time watch
Packages
Type
SPDIP
SOIC
SSOP
QFN-S
QFN
TQFP
Pin Count
28
28
28
28
44
44
Contact Lead/Pitch
.100''
1.27
0.65
0.65
0.65
0.80
I/O Pins
21
21
21
21
35
35
Dimensions
1.365x.285x.135''
17.9xx7.50x2.05
10.2x5.3x1.75
6x6x0.9
8x8x0.9
10x10x1
Note: All dimensions are in millimeters (mm) unless specified.
16-bit Digital Signal Controllers (up to 32 KB Flash and
2 KB SRAM) with Motor Control and Advanced Analog


Similar Part No. - DSPIC33FJMC204EMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
dsPIC33FJ06GS001 MICROCHIP-dsPIC33FJ06GS001 Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
DSPIC33FJ06GS001T-E MICROCHIP-DSPIC33FJ06GS001T-E Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ06GS001T-I MICROCHIP-DSPIC33FJ06GS001T-I Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001_12 Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
More results

Similar Description - DSPIC33FJMC204EMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJXXXGPX06A MICROCHIP-DSPIC33FJXXXGPX06A_12 Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ128GP802-E-MM MICROCHIP-DSPIC33FJ128GP802-E-MM Datasheet
6Mb / 436P
16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ128MC706A-HPT MICROCHIP-DSPIC33FJ128MC706A-HPT Datasheet
2Mb / 374P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ128GP306AT-IPT MICROCHIP-DSPIC33FJ128GP306AT-IPT Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A_13 Datasheet
2Mb / 374P
16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
DSPIC33FJ256GP710A-I MICROCHIP-DSPIC33FJ256GP710A-I Datasheet
2Mb / 362P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64GP204-I MICROCHIP-DSPIC33FJ64GP204-I Datasheet
6Mb / 436P
16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
11/29/11
DSPIC33FJ64MC204-I MICROCHIP-DSPIC33FJ64MC204-I Datasheet
6Mb / 460P
16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog
11/29/11
DSPIC33FJ256MC710A-I MICROCHIP-DSPIC33FJ256MC710A-I Datasheet
2Mb / 374P
16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Motor Control and Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com