Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200SN Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS200SN
Description  KEELOQ Code Hopping Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200SN Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS200SN Datasheet HTML 7Page - Microchip Technology HCS200SN Datasheet HTML 8Page - Microchip Technology HCS200SN Datasheet HTML 9Page - Microchip Technology HCS200SN Datasheet HTML 10Page - Microchip Technology HCS200SN Datasheet HTML 11Page - Microchip Technology HCS200SN Datasheet HTML 12Page - Microchip Technology HCS200SN Datasheet HTML 13Page - Microchip Technology HCS200SN Datasheet HTML 14Page - Microchip Technology HCS200SN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2011 Microchip Technology Inc.
DS40138D-page 11
HCS200
TABLE 6-1:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
Note 1: Typical values - not tested in production.
VDD = 5.0V ± 10%, 25°C ± 5 °C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
TPS
3.5
4.5
ms
Hold time 1
TPH13.5
—
ms
Hold time 2
TPH250
—
μs
Bulk Write time
TPBW
4.0
—
ms
Program delay time
TPROG
4.0
—
ms
Program cycle time
TWC
50
—
ms
Clock low time
TCLKL
50
—
μs
Clock high time
TCLKH
50
—
μs
Data setup time
TDS
0—
μs (1)
Data hold time
TDH
30
—
μs (1)
Data out valid time
TDV
—30
μs (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com