Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1651S-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1651S-E/MS
Description  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1651S-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1651S-E/MS Datasheet HTML 6Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 7Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 8Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 9Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 10Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 11Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 12Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 13Page - Microchip Technology MCP1651S-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MCP1650/51/52/53
DS21876B-page 10
 2004-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.3V, VOUT = 12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Output Voltage vs. Output
Current (Load Regulation).
FIGURE 2-20:
Output Voltage Ripple vs.
Input Voltage.
FIGURE 2-21:
LBI Threshold Voltage vs.
Input Voltage.
FIGURE 2-22:
LBI Hysteresis Voltage vs.
Input Voltage.
FIGURE 2-23:
LBO Output Voltage vs.
LBO Sink Current.
FIGURE 2-24:
LBO Output Timing.
12.10
12.11
12.12
12.13
12.14
12.15
12.16
12.17
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
VIN = 3.3V
TA = +25°C
VIN = 4.3V
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
IOUT = 100mA
TA = +25°C
1.205
1.210
1.215
1.220
1.225
1.230
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
120
121
122
123
124
125
126
127
128
129
22.5
33.5
4
4.5
55.5
6
Input Votlage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
0
50
100
150
200
250
02468
10
LBO Sink Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com