Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC56-I/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 93LC56-I/P
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56-I/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93LC56-I/P Datasheet HTML 10Page - Microchip Technology 93LC56-I/P Datasheet HTML 11Page - Microchip Technology 93LC56-I/P Datasheet HTML 12Page - Microchip Technology 93LC56-I/P Datasheet HTML 13Page - Microchip Technology 93LC56-I/P Datasheet HTML 14Page - Microchip Technology 93LC56-I/P Datasheet HTML 15Page - Microchip Technology 93LC56-I/P Datasheet HTML 16Page - Microchip Technology 93LC56-I/P Datasheet HTML 17Page - Microchip Technology 93LC56-I/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
93LC46/56/66
DS21712C-page 14
 2002-2012 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision B
Added note to page 1 header (Not recommended for
new designs).
Updated document format.
Revision C
Added a note to each package outline drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com