Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC56 Datasheet(PDF) 17 Page - Microchip Technology

Part # 93LC56
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 93LC56 Datasheet HTML 12Page - Microchip Technology 93LC56 Datasheet HTML 13Page - Microchip Technology 93LC56 Datasheet HTML 14Page - Microchip Technology 93LC56 Datasheet HTML 15Page - Microchip Technology 93LC56 Datasheet HTML 16Page - Microchip Technology 93LC56 Datasheet HTML 17Page - Microchip Technology 93LC56 Datasheet HTML 18Page - Microchip Technology 93LC56 Datasheet HTML 19Page - Microchip Technology 93LC56 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21712C-page 17
93LC46/56/66
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
93LC46:
1K 2.5V Microwire Serial EEPROM
93LC46X: 1K 2.5V Microwire Serial EEPROM in
alternate pinouts (SN package only)
93LC46T: 1K 2.5V Microwire Serial EEPROM
(Tape and Reel)
93LC46XT: 1K 2.5V Microwire Serial EEPROM
(Tape and Reel)
93LC56:
2K 2.5V Microwire Serial EEPROM
93LC56X: 2K 2.5V Microwire Serial EEPROM in
alternate pinouts (SN package only)
93LC56T: 2K 2.5V Microwire Serial EEPROM
(Tape and Reel)
93LC56XT:2K 2.5V Microwire Serial EEPROM
(Tape and Reel)
93LC66:
4K 2.5V Microwire Serial EEPROM
93LC66X: 4K 2.5V Microwire Serial EEPROM in
alternate pinouts (SN package only)
93LC66T: 4K 2.5V Microwire Serial EEPROM
(Tape and Reel)
93LC66XT: 4K 2.5V Microwire Serial EEPROM
(Tape and Reel)
Temperature
Range
I= -40
C to +85C
Package
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
Examples:
a)
93LC46-I/P: 1K, 128x8 or 64x16 Serial
EEPROM, PDIP package
b)
93LC46-I/SN: 1K, 128x8 or 64x16 Serial
EEPROM, SOIC package
c)
93LC46T-I/SN: 1K, 128x8 or 64x16
Serial EEPROM, SOIC package, tape
and reel
d)
93LC46X-I/SN: 1K, 128x8 or 64x16
Serial EEPROM, Rotated SOIC package
e)
93LC56-I/P: 2K, 256x8 or 128x16 Serial
EEPROM, PDIP package
f)
93LC56-I/SN: 2K, 256x8 or 128x16
Serial EEPROM, SOIC package
g)
93LC56T-I/SN: 2K, 256x8 or 128x16
Serial EEPROM, SOIC package, tape
and reel
h)
93LC56X-I/SN: 2K, 256x8 or 128x16
Serial EEPROM, Rotated SOIC package
i)
93LC66-I/P: 4K, 512x8 or 256x16 Serial
EEPROM, PDIP package
j)
93LC66-I/SN: 4K, 512x8 or 256x16
Serial EEPROM, SOIC package
k)
93LC66T-I/SN: 4K, 512x8 or 256x16
Serial EEPROM, SOIC package, tape
and reel
l)
93LC66X-I/SN: 4K, 512x8 or 256x16
Serial EEPROM, Rotated SOIC package
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com