Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC162055 Datasheet(PDF) 2 Page - Microchip Technology

Part # AC162055
Description  Header Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162055 Datasheet(HTML) 2 Page - Microchip Technology

  AC162055 Datasheet HTML 1Page - Microchip Technology AC162055 Datasheet HTML 2Page - Microchip Technology AC162055 Datasheet HTML 3Page - Microchip Technology AC162055 Datasheet HTML 4Page - Microchip Technology AC162055 Datasheet HTML 5Page - Microchip Technology AC162055 Datasheet HTML 6Page - Microchip Technology AC162055 Datasheet HTML 7Page - Microchip Technology AC162055 Datasheet HTML 8Page - Microchip Technology AC162055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPLAB® ICD 2
DS51292L-page 2
© 2005 Microchip Technology Inc.
HEADERS FOR ICD DEVICES
Some devices have no built-in debug circuitry. Therefore, special ICD versions of these
devices are required for MPLAB ICD 2 operation.
Other devices have built-in debug circuitry and do not require a header to use
MPLAB ICD 2. However, some pins and memory must be used to support the ICD
function. Therefore, for some of these devices, special ICD versions offering additional
pins (and sometimes memory) are available to provide more transparent debugging
capabilities.
Currently-available headers and their associated ICD devices/supported devices are
shown in Table 1.
TABLE 1:
HEADER TYPES – ICD DEVICES
Header
Part
Number
ICD Device Used
Devices Supported
VDD
Max
8 Pin
AC162050
PIC12F675-ICD(1)
PIC12F629/675
5.5
AC162058
PIC12F683-ICD
PIC12F683
5.5
14 Pin
AC162052
PIC16F676-ICD(1)
PIC16F630/676
5.5
AC162057
PIC16F636-ICD
PIC12F635, PIC16F636
5.5
AC162055
PIC16F684-ICD
PIC16F684
5.5
AC162056
PIC16F688-ICD
PIC16F688
5.5
AC162059
PIC16F505-ICD
PIC10F200/2/4/6
PIC12F508/509
PIC16F505
5.5
AC162070
PIC16F506-ICD
PIC10F220/2
PIC12F510
PIC16F506
5.5
18 Pin
AC162053
PIC16F648A-ICD(1)
PIC16F627A/628A/648A
5.5
AC162054
PIC16F716-ICD
PIC16F716
5.5
20 Pin
AC162066
PIC16F636-ICD
PIC16F639 (Dual die)
5.5
AC162060
PIC16F785-ICD
PIC16F785/HV785
5.5
AC162061
PIC16F690-ICD
PIC16F631/677
PIC16F685/687/689/690
5.5
Note 1:
These devices cannot be programmed or read using MPLAB® ICD 2
while GP1/RA1 is high (VIH). Move circuitry that makes GP1/RA1 high
to another I/O pin during development. See device programming
specifications for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com