Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC162053 Datasheet(PDF) 1 Page - Microchip Technology

Part # AC162053
Description  Header Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162053 Datasheet(HTML) 1 Page - Microchip Technology

  AC162053 Datasheet HTML 1Page - Microchip Technology AC162053 Datasheet HTML 2Page - Microchip Technology AC162053 Datasheet HTML 3Page - Microchip Technology AC162053 Datasheet HTML 4Page - Microchip Technology AC162053 Datasheet HTML 5Page - Microchip Technology AC162053 Datasheet HTML 6Page - Microchip Technology AC162053 Datasheet HTML 7Page - Microchip Technology AC162053 Datasheet HTML 8Page - Microchip Technology AC162053 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2005 Microchip Technology Inc.
DS51292L-page 1
MPLAB® ICD 2
Header Specification
INTRODUCTION
This document contains information about MPLAB® ICD 2 headers, which provide
in-circuit debugging capabilities for specific Microchip devices.
A special ICD/ICE device is connected to a header board to be used with MPLAB ICD 2.
This device is mounted on the top of a header and its signals are routed to the
MPLAB ICD 2 connector (Figure 1). On the bottom of the header is a socket that is
used to connect to the target board.
FIGURE 1:
MPLAB® ICD 2 MODULE CONNECTION WITH PDIP HEADER
Special ICD/ICE versions of selected devices are needed to provide one or more of the
following:
• the built-in debug circuitry that a device may lack
• additional pins for the clock, data and MCLR functions required for ICD
• dedicated program/data memory for ICD
ICD versions are labeled with an ICD suffix (Device-ICD). For some devices, ICE
versions are available (Device-ICE) and may be used with MPLAB ICD 2 as ICD
devices.
MPLAB® ICD 2
Power In
Target Application
Target Socket
MPLAB ICD 2 Header
Stand-off Connector**
-ICD Device*
Jumpers
*Number of pins is determined
by -ICD device used.
**Number of stand-off pins is
determined by MPLAB ICD 2
Header used.
J2
J1
P1
Module


Similar Part No. - AC162053

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC162053 MICROCHIP-AC162053 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
AC162053 MICROCHIP-AC162053 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
More results

Similar Description - AC162053

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
SPECIFICATION
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
SPECIFICATION
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
SPECIFICATION ELECTRICAL SPECIFICATION
logo
Molex Electronics Ltd.
62201-6010 MOLEX-62201-6010 Datasheet
275Kb / 8P
VHDM짰 and VHDM-HSD??Backplane Header Shield Extraction Tool Specification Sheet
3-15-10
62201-6100 MOLEX-62201-6100 Datasheet
312Kb / 14P
VHDM짰 and VHDM-HSD??Backplane Header Shield Extraction Tool Specification Sheet
3-15-10
62201-6000 MOLEX-62201-6000 Datasheet
270Kb / 12P
VHDM짰 and VHDM-HSD??Backplane Header Shield Extraction Tool Specification Sheet
3-15-10
logo
Microchip Technology
AC162059 MICROCHIP-AC162059 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
logo
Molex Electronics Ltd.
PK-5569-002 MOLEX-PK-5569-002 Datasheet
123Kb / 2P
BULK PACKAGING SPECIFICATION FOR: 5569, 45558 & 172648 HEADER ASS’YS
2015/08/24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com