Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC82GS45-SLB92 Datasheet(PDF) 2 Page - Intel Corporation

Part # AC82GS45-SLB92
Description  Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GS45-SLB92 Datasheet(HTML) 2 Page - Intel Corporation

  AC82GS45-SLB92 Datasheet HTML 1Page - Intel Corporation AC82GS45-SLB92 Datasheet HTML 2Page - Intel Corporation AC82GS45-SLB92 Datasheet HTML 3Page - Intel Corporation AC82GS45-SLB92 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Product Highlights (continued)
•LANConnectInterfaceprovidesflexiblenetworksolutions
suchas10/100/1000Mb/sEthernetwithLANmanageability.
•TwointegratedSerialATAhostcontrollers,eachwithtransfer
rates of up to 3 Gb/s, support four SATA ports for increased
storage capacity and speed.
•IntelMatrixStorageTechnologyprovidesbothAHCIandRAID
functionality for improved storage speed and data redundancy
(ICH9M-Enhanced SKU only; GM45 and GS45).
•Intel®ActiveManagementTechnology2 (Intel® AMT), when used
with the Intel® WG82567LM Gigabit Ethernet Controller, supports
asset management capabilities such as remote management of
unmanned sites (ICH9M-Enhanced SKU only; GM45 and GS45).
•Intel®TrustedExecutionTechnology3 Intel® (TXT) provides hardware-
based mechanisms to help defend against software-based attacks
and protect the confidentiality and integrity of data stored or created
on the system. Intel TXT enables each application to run within its
own space, protected from all other software on the system (GM45
and GS45).
•Embeddedlifecyclesupportprotectssysteminvestmentby
enabling extended product availability for embedded and
communications customers.
•Astrongecosystemofhardwareandsoftwarevendors,
including members of the Intel® Embedded and Communications
Alliance (intel.com/go/eca), helps developers cost-effectively
meet design challenges and speed time-to-market.
Software Overview
A number of independent operating system and BIOS vendors
providesupportfortheseplatforms:
Operating System
Contact
Microsoft Windows* XP
Intel provides drivers4
Microsoft Windows* Embedded Standard
Intel provides drivers4
MicrosoftWindows*EmbeddedPOSReady
Intel provides drivers4
RedHatEnterpriseLinux*5
RedHat
NovellSUSELinux*Enterprise10
Novell
WindRiverLinux*
WindRiver
WindRiverVxWorks*6.6
WindRiver
BIOS
American Megatrends
Insyde Software
Phoenix Technologies
These chipsets are supported by the Intel® Embedded Graphics
Drivers and video BIOS, developed specifically for embedded
products and applications (developer.intel.com/design/intarch/
SWsup/graphics_drivers.htm).
Forthemostrecentsoftwareupdates,pleasevisitdownloadcenter.
intel.com, and enter the product name.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com