Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC82GL40 Datasheet(PDF) 1 Page - Intel Corporation

Part # AC82GL40
Description  Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GL40 Datasheet(HTML) 1 Page - Intel Corporation

  AC82GL40 Datasheet HTML 1Page - Intel Corporation AC82GL40 Datasheet HTML 2Page - Intel Corporation AC82GL40 Datasheet HTML 3Page - Intel Corporation AC82GL40 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Brief
Mobile Intel® Express Chipsets
Embedded Computing
Mobile Intel® GM45, GS45, and GL40 Express
Chipsets for Embedded Computing
Product Overview
The Mobile Intel® GM45, GS45, and GL40 Express chipsets provide
outstanding flexibility for developers of embedded applications
with excellent graphics, memory and I/O bandwidth, as well as
remote asset management capabilities, storage speed and reli-
ability. They address requirements of a broad range of embedded
applications such as retail and transaction solutions, gaming plat-
forms and industrial automation equipment. The Mobile Intel
GM45 and GS45 Express chipsets provide the same feature set
and functionality in different form factors, while the Mobile Intel
GL40 Express chipset offers a subset of features ideal for
value-oriented applications.
These chipsets consist of the Intel® 82GM45/82GS45/82GL40
Graphics Memory Controller Hub (GMCH), and the Intel® I/O
Controller Hub 9M (ICH9M), available in three SKUs. The ICH9M
delivers outstanding system performance through high-band-
width interfaces including PCI Express*, Serial ATA, and USB 2.0.
Product Highlights
•Optimizedforthefollowingprocessors:
– Intel® Core™2 Duo processor T9400∆at2.53GHz
with 35 watts thermal design power (TDP) [GM45]
– Intel® Core™2 Duo processor P8400∆at2.26GHz
with 25 watts TDP [GM45]
– Intel® Core™2 Duo processor SL9400∆at1.86GHz
with 17 watts TDP [GS45]
– Intel® Core™2 Duo processor SP9300∆at2.26GHz
with 25 watts TDP [GS45]
– Intel® Core™2 Duo processor SU9300∆at1.2GHz
with 10 watts TDP [GS45]
– Intel® Celeron® M processor ULV 722∆at1.2GHz
with 5.5 watts TDP [GS45]
– Intel® Celeron® M processor ULV 723∆at1.2GHzwith
10 watts TDP [GS45]
– Intel® Celeron® processor T3100∆ with two cores at
1.9GHzwith35wattsTDP[GL40/GM45]
– Intel® Celeron® processor 575∆at2.0GHz
with 31 watts TDP [GL40/GM45]
•Upto1066MHzFSBdeliversahigh-bandwidthconnection
between processor and chipset.
•Dual-channelmemorycontrollersupportsnon-ECC,667/800
MHzDDR2or800/1066MHzDDR3SODIMMSDRAM,and
provides high-speed memory transactions for greater
system performance.
•MobileIntel®GraphicsMediaAccelerator4500MHD,Intel®Clear
VideoTechnology,andgraphicscorespeedsupto533MHz
improve graphics and 3D rendering performance, and enable
high-definition video playback (GM45 and GS45).
•Supportfornumerousdisplay/videooutputoptionsincludes
VGA, LVDS, DVI, High Definition Multimedia Interface (HDMI)
and DisplayPort with integrated High-bandwidth Digital Copy
Protection (HDCP) technology. Dual independent display
support allows for flexible display configurations.
•x16PCIExpressgraphicsoradual-channelSerialDigitalVideo
Output (SDVO) graphics interface supports high throughput
for high-end graphics (GM45 and GS45).
•Advancedpackagingtechnologyandindustry-leadingelectrical
design innovations deliver long-term system reliability over a
broad spectrum of operating conditions.
•DirectMediaInterfacechipinterconnectbetweentheGMCH
and the ICH can be implemented at x4 or x2 widths, providing
up to 1 GB/s in each direction in full duplex.
•12USB2.0portsmaybecontrolledbyuptotwohigh-speed
Enhanced Host Controller Interfaces (EHCI) or up to six
Universal Host Controller Interfaces. Each EHCI allows data
transfers of up to 480 Mb/s.
•UptosixPCIExpressrootportsontheICHareconfigurableassix
single x1 ports or partially ganged together as one x4 port and two
x1 ports. Each root port allows transfer rates of up to 2.5 GB/s in
each direction.
•Intel®HighDefinitionAudio1 interface delivers premium digital
multi-channel sound.


Similar Part No. - AC82GL40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AC82GL40 INTEL-AC82GL40 Datasheet
223Kb / 4P
Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GL40-SLB95 INTEL-AC82GL40-SLB95 Datasheet
1Mb / 98P
Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
More results

Similar Description - AC82GL40

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-6787 ADVANTECH-SOM-6787 Datasheet
1Mb / 3P
Intel짰 Core?? Duo Processor GS45 COM-Express Compact Module
logo
Intel Corporation
QG82945GMSL8Z2 INTEL-QG82945GMSL8Z2 Datasheet
39Kb / 1P
Mobile Intel 945GM Express Chipset for Embedded Computing
QG82945G INTEL-QG82945G Datasheet
215Kb / 2P
Intel짰 945G Express and Intel짰 945GC Express Chipsets for Embedded Computing
945GME INTEL-945GME Datasheet
156Kb / 2P
Mobile Intel짰 945GME Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
Mobile Intel짰 945GSE Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
Mobile Intel짰 915GME Express Chipset for Embedded Computing
AC82GM45-SLB94 INTEL-AC82GM45-SLB94 Datasheet
223Kb / 4P
Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
LF80539KF0282MSL9HP INTEL-LF80539KF0282MSL9HP Datasheet
359Kb / 4P
Dual-Core Intel짰 Xeon짰 Processors LV and ULV for Embedded Computing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com