Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXSTS100P Datasheet(PDF) 2 Page - Intel Corporation

Part # BXSTS100P
Description  Intel짰 Server Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BXSTS100P Datasheet(HTML) 2 Page - Intel Corporation

  BXSTS100P Datasheet HTML 1Page - Intel Corporation BXSTS100P Datasheet HTML 2Page - Intel Corporation BXSTS100P Datasheet HTML 3Page - Intel Corporation BXSTS100P Datasheet HTML 4Page - Intel Corporation BXSTS100P Datasheet HTML 5Page - Intel Corporation BXSTS100P Datasheet HTML 6Page - Intel Corporation BXSTS100P Datasheet HTML 7Page - Intel Corporation BXSTS100P Datasheet HTML 8Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Board Features and Benefits
• Support for one or two Intel® Xeon® Processor 5500 or 5600 series Increase server performance with no increase in
power consumption
• Power efficient board architecture with optimized voltage regulator designs and a specialized layout for efficient cooling
Voltage-regulator optimization reduces the excess heat produced by inefficient and wasteful power conversion and a spread-core
lay-out allows lower fan speeds, reducing the power used to move air across the board. Together these optimizations reduce
power consumption
• Fast, scalable and energy-efficient DDR3 memory Eight, registered or unbuffered DIMMs at up to 1333 MHz, and 6 memory
channels ensure energy-efficient performance for any application
• Expandable I/O architecture One PCIe 2.0 slot plus an optional Intel® I/O Expansion Module provide maximum flexibility in 1U rack
mount applications
• Multiple storage controller options Six integrated 3 Gbps SATA ports or optional SAS via Intel® I/O Expansion Modules with either
SAS or SAS RAID support maximize storage flexibility without consuming the PCI Express slot
System Features and Benefits
• Purpose built, 1U rack server chassis Energy efficient design optimized for integration with Intel® Server Board S5500WB
• High efficiency power-supply options Systems with either a 650-watt high efficiency (80 Plus) power supply or 450-watt high
efficiency AC or DC (1+0) or redundant (1+1) power supply configurations, all PMBus capable supporting Intel® Intelligent Power
Node Manager for policy-based power capping to enable increased rack densities and improved data center utilization
• Optimized fan speed control & thermal solutions BIOS optimizations include custom fan speed control that enables slower fan
speeds, reducing system power requirements, saving energy and reducing TCO
• Flexible storage configuration Four hot swap SAS/SATA drive bays supporting either 3.5” or 2.5” HDD in the same drive carrier,
providing the flexible storage configurations you need
Technology that Defines Innovation
Intel server technologies provide powerful capabilities designed
to make Intel® Server Products more reliable, more efficient,
more available, and easier to service. These innovative tech-
nologies are seamlessly integrated into Intel® Server Products
to complement the capabilities of the latest generation Intel®
Xeon® processor and chipset technologies.
Intel SpeedStep® Technology Dynamically adjusts processor
core frequency and voltages which can in turn reduce power
consumption and reduce operating costs for data centers
Intel® Active Airflow Control Operates chassis fans at the
minimum speed required to cool the system, reserving additional
speed for those times when ambient conditions or high work-
loads require it
Intel® Server Management Allows increased IT efficiency
with a combination of hardware and software products that
streamline the deployment and management of servers



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com