Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE87C196KDH20 Datasheet(PDF) 21 Page - Intel Corporation

Part # EE87C196KDH20
Description  COMMERCIAL CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EE87C196KDH20 Datasheet(HTML) 21 Page - Intel Corporation

Back Button EE87C196KDH20 Datasheet HTML 17Page - Intel Corporation EE87C196KDH20 Datasheet HTML 18Page - Intel Corporation EE87C196KDH20 Datasheet HTML 19Page - Intel Corporation EE87C196KDH20 Datasheet HTML 20Page - Intel Corporation EE87C196KDH20 Datasheet HTML 21Page - Intel Corporation EE87C196KDH20 Datasheet HTML 22Page - Intel Corporation EE87C196KDH20 Datasheet HTML 23Page - Intel Corporation EE87C196KDH20 Datasheet HTML 24Page - Intel Corporation EE87C196KDH20 Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
8XC196KD/8XC196KD20
8-BIT MODE A/D OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Commercial Temp.
0
a
70
C
VCC
Digital Supply Voltage
4.50
5.50
V
VREF
Analog Supply Voltage
4.00
5.50
V
ANGND
Analog Ground Voltage
VSS b0.40
VSS a 0.40
V
TSAM
Sample Time
1.0
m
s(1)
TCONV
Conversion Time
7
20
m
s(1)
FOSC
Oscillator Frequency (8XC196KD)
8.0
16.0
MHz
FOSC
Oscillator Frequency (8XC196KD20)
8.0
20.0
MHz
NOTE:
1. The value of AD_TIME is selected to meet these specifications.
8-BIT MODE A/D CHARACTERISTICS (Over Specified Operating Conditions)
Parameter
Typical(1)
Minimum
Maximum
Units*
Notes
Resolution
256
256
Levels
8
8
Bits
Absolute Error
0
g
1
LSBs
Full Scale Error
g
0.5
LSBs
Zero Offset Error
g
0.5
LSBs
Non-Linearity
0
g
1
LSBs
Differential Non-Linearity Error
l b
1
a
1
LSBs
Channel-to-Channel Matching
g
1
LSBs
Repeatability
g
0.25
LSBs
Temperature Coefficients:
Offset
0.003
LSB/ C
Full Scale
0.003
LSB/ C
Differential Non-Linearity
0.003
LSB/ C
Off Isolation
b
60
dB
2, 3
Feedthrough
b
60
dB
2
VCC Power Supply Rejection
b
60
dB
2
Input Series Resistance
750
1.2K
X
4
Voltage on Analog Input Pin
VSS b 0.5
VREF a 0.5
V
5, 6
DC Input Leakage
0
g
3.0
m
A
Sampling Capacitor
3
pF
NOTES:
An ``LSB'' as used here has a value of approximately 20 mV. (See Embedded Microcontrollers and Processors Handbook
for A/D glossary of terms).
1. These values are expected for most parts at 25 C but are not tested or guaranteed.
2. DC to 100 KHz.
3. Multiplexer Break-Before-Make is guaranteed.
4. Resistance from device pin, through internal MUX, to sample capacitor.
5. These values may be exceeded if pin current is limited to g2 mA.
6. Applying voltages beyond these specifications will degrade the accuracy of other channels being converted.
7. All conversions performed with processor in IDLE mode.
21
TA
Ambient Temperature
Extended Temp.
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com