Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2D33 Datasheet(PDF) 1 Page - General Electric Company

Part # CC2D33
Description  ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

CC2D33 Datasheet(HTML) 1 Page - General Electric Company

  CC2D33 Datasheet HTML 1Page - General Electric Company CC2D33 Datasheet HTML 2Page - General Electric Company CC2D33 Datasheet HTML 3Page - General Electric Company CC2D33 Datasheet HTML 4Page - General Electric Company CC2D33 Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GE
Measurement & Control
ChipCap 2™
A Fully Calibrated Humidity
and Temperature Sensor
Features
• Fully Calibrated & Temperature Compensated
• Digital or Analog Output with Alarm Function
• Precision & Accuracy (±2%RH, ±0.3°C, 14 bit )
• Free Operating Voltage (min 2.7V to max 5.5V)
• Low Current Consumption
• SMD Package for Automated Assembly
• Reliable in Harsh Environments
Applications
• EnergySavingHVACControl—AirConditioning,
Refrigeration, Indoor Air Quality, Vent Fans,
HomeAppliances,Humi/Dehumidifiers
• ProcessControl&Instrumentation—Medical
Instruments, Handheld Devices, Weather
Stations, Food Processing, Printers, RFIDs
• Automobile&Transportation—CabinClimate
Control, Defogging Control Condensing
Preventive Device
• Medical—Nebulizers,Oxygenair,CPAP/Sleep
Apnea devices
• OEM assemblies available
ChipCap2offersthemostadvancedandcost
effectivehumidityandtemperaturesensing
solution for virtually any type of application.
A capacitive polymer sensor chip and a CMOS
integrated circuit with EEPROM are integrated into
oneembeddedsysteminareflowsolderableSMD
package.
Individually calibrated and tested, ChipCap 2
performs at ±2% from 20% to 80% RH (±3% over
entire humidity range), and is simple and ready
to use without further calibration or temperature
compensation.
ChipCap 2 provides linear output signals in various
interfaces to customer requirements:
• I²C interface
• PDM convertible to analog signal
• Alarm function for preset control at min/max
humidity


Similar Part No. - CC2D33

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CC2D33 AMPHENOL-CC2D33 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
CC2D33-SIP AMPHENOL-CC2D33-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
CC2D33S AMPHENOL-CC2D33S Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
CC2D33S-SIP AMPHENOL-CC2D33S-SIP Datasheet
138Kb / 4P
Fully Calibrated & Temperature Compensated
More results

Similar Description - CC2D33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
The Fully Calibrated Humidity and Temperature Solution
logo
List of Unclassifed Man...
SFM3000 ETC2-SFM3000 Datasheet
590Kb / 7P
Fully calibrated & temperature compensated
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
Fully calibrated and temperature compensated
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com