Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP101-485DI/TT Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP101-485DI/TT
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101-485DI/TT Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP101-485DI/TT Datasheet HTML 8Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 9Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 10Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 11Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 12Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 13Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 14Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 15Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6)SDJH
! 
352'8&7 ,'(17,),&$7,21 6<67(0
7R RUGHU RU REWDLQ LQIRUPDWLRQ HJ RQ SUL.LQJ RU GHOLYHU\ UHIHU WR WKH ID.WRU\ RU WKH OLVWHG VDOHV RIIL.H
6DOHV DQG 6XSSRUW
'DWD 6KHHWV
3URGX.WV VXSSRUWHG E\ D SUHOLPLQDU\ 'DWD 6KHHW PD\ KDYH DQ HUUDWD VKHHW GHV.ULELQJ PLQRU RSHUDWLRQDO GLIIHUHQ.HV DQG UH.RP
PHQGHG ZRUNDURXQGV 7R GHWHUPLQH LIDQ HUUDWD VKHHW H[LVWV IRUD SDUWL.XODUGHYL.H SOHDVH .RQWD.WRQH RIWKH IROORZLQJ

<RXU OR.DO 0L.UR.KLS VDOHV RIIL.H

7KH 0L.UR.KLS &RUSRUDWH /LWHUDWXUH &HQWHU 86 )$;  

7KH 0L.UR.KLS :RUOGZLGH 6LWH ZZZPL.UR.KLS.RP
3OHDVH VSH.LI\ ZKL.K GHYL.H UHYLVLRQ RIVLOL.RQ DQG 'DWD 6KHHW LQ.OXGH /LWHUDWXUH
\RXDUH XVLQJ
1HZ &XVWRPHU 1RWLIL.DWLRQ 6\VWHP
5HJLVWHU RQ RXU ZHE VLWH ZZZPL.UR.KLS.RP.Q WR UH.HLYH WKH PRVW.XUUHQWLQIRUPDWLRQ RQ RXUSURGX.WV
3$57 12
;
;;
3D.NDJH
7HPSHUDWXUH
5DQJH
'HYL.H
'HYL.H
0&3
6XSHUYLVRU .LU.XLW ZLWK D.WLYH ORZ 5(6(7
RXWSXW
0&37
6XSHUYLVRU .LU.XLW ZLWK D.WLYH ORZ 5(6(7
RXWSXW WDSH UHHO
0&3
6XSHUYLVRU .LU.XLW ZLWK D.WLYH KLJK 5(6(7
RXWSXW
0&37
6XSHUYLVRU .LU.XLW ZLWK D.WLYH KLJK 5(6(7
RXWSXW WDSH UHHO
5(6(75(6(7 975,3
9ROWDJH

 ≤ 975,3 ≤ 

 ≤ 975,3 ≤ 

 ≤ 975,3 ≤ 

 ≤ 975,3 ≤ 

 ≤ 975,3 ≤ 

 ≤ 975,3 ≤ 

 ≤ 975,3 ≤ 
%RQGRXW 2SWLRQ
72 2QO\
'
' %RQG 2SWLRQ VHH ERQG RSWLRQ .KDUW
+
+ %RQG 2SWLRQ
7HPSHUDWXUH 5DQJH
,
°&WR °& RQO\ RIIHUHG LQ ,
3D.NDJH
72
72 OHDG >RIIHUHG LQ EDJV RQO\@
77
627 OHDG >RIIHUHG LQ WDSH UHHO RQO\@
([DPSOHV
D
0&3±',72 975,3 UDQJH RI9 
9 %RQGLQJ 2SWLRQ ' ,QGXVWULDO 7HPS
72 SD.NDJH
E
0&37±,77
975,3 UDQJH RI 9 
9 ,QGXVWULDO 7HPS 627 SD.NDJH
.
0&3±+,72 975,3 UDQJH RI 9 
9 %RQGLQJ 2SWLRQ + ,QGXVWULDO 7HPS
72 SD.NDJH
G
0&37±,77
975,3 UDQJH RI 9 
9 ,QGXVWULDO 7HPS 627 SD.NDJH
966
9''
567
966
9''
966
9''
72 ZLWK
µ'¶ %RQGRXW
72 ZLWK
µ+¶ %RQGRXW
627
567
RU
567
567
RU
567
567
RU
;
%RQGRXW
2SWLRQ
;
5(6(7
5(6(7
975,3
9ROWDJH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com