Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDI7100BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADDI7100BCPZ
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADDI7100BCPZ Datasheet HTML 1Page - Analog Devices ADDI7100BCPZ Datasheet HTML 2Page - Analog Devices ADDI7100BCPZ Datasheet HTML 3Page - Analog Devices ADDI7100BCPZ Datasheet HTML 4Page - Analog Devices ADDI7100BCPZ Datasheet HTML 5Page - Analog Devices ADDI7100BCPZ Datasheet HTML 6Page - Analog Devices ADDI7100BCPZ Datasheet HTML 7Page - Analog Devices ADDI7100BCPZ Datasheet HTML 8Page - Analog Devices ADDI7100BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADDI7100
Rev. C | Page 5 of 20
TIMING SPECIFICATIONS
CL = 20 pF, fSAMP = 45 MHz, unless otherwise noted. See Figure 3, Figure 4, and Figure 16.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
SAMPLE CLOCKS
DATACLK, SHP, SHD Clock Period
tCONV
22
ns
DATACLK High/Low Pulse Width
tADC
9
11
ns
SHP Pulse Width
tSHP
5.5
ns
SHD Pulse Width
tSHD
5.5
ns
CLPOB Pulse Width1
2
20
Pixels
SHP Rising Edge to SHD Falling Edge
tS3
5.5
ns
SHP Rising Edge to SHD Rising Edge
tS1
9
11
tCONV − tS2
ns
SHD Rising Edge to SHP Rising Edge
tS2
9
11
tCONV − tS1
ns
SHD Rising Edge to SHP Falling Edge
tS4
5.5
ns
Internal Clock Delay
tID
4
ns
DATA OUTPUTS
Output Delay
tOD
15
ns
Pipeline Delay
15
Cycles
SERIAL INTERFACE
Maximum SCK Frequency (Must Not Exceed Pixel Rate)
fSCLK
40
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Rising Edge to SDATA Valid Hold
tDH
10
ns
1 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp performance.
Timing Diagrams
PIXEL N
PIXEL
N + 1
PIXEL
N + 2
PIXEL
N + 14
PIXEL
N + 15
tOD
tS3
tS4
tID
tID
N – 15
N – 14
N – 13
N – 1
N
NOTES
1. RECOMMENDED PLACEMENT FOR DATACLK RISING (ACTIVE) EDGE IS NEAR THE SHP OR SHD RISING
(ACTIVE) EDGE. THE BEST LOCATION FOR LOWEST NOISE WILL BE SYSTEM DEPENDENT.
2. CCD SIGNAL IS SAMPLED AT SHP AND SHD RISING EDGES.
SHP
SHD
DATACLK
OUTPUT
DATA
CCD
SIGNAL
(CCDIN)
tS1
tCONV
tS2
Figure 3. CCD Sampling Timing (Default Polarity Settings)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com