Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB017C0123 Datasheet(PDF) 14 Page - AVX Corporation

Part # CB017C0123
Description  Film Chip Capacitors PEN DIELECTRIC CB Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017C0123 Datasheet(HTML) 14 Page - AVX Corporation

Back Button CB017C0123 Datasheet HTML 10Page - AVX Corporation CB017C0123 Datasheet HTML 11Page - AVX Corporation CB017C0123 Datasheet HTML 12Page - AVX Corporation CB017C0123 Datasheet HTML 13Page - AVX Corporation CB017C0123 Datasheet HTML 14Page - AVX Corporation CB017C0123 Datasheet HTML 15Page - AVX Corporation CB017C0123 Datasheet HTML 16Page - AVX Corporation CB017C0123 Datasheet HTML 17Page - AVX Corporation CB017C0123 Datasheet HTML 18Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
33
VOLTAGE Vdc: 630V Vac: 250V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.120
CB177K0124+ --
12.8
10.2
6.00
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.236)
(0.032)
(0.944)
(0.629)
(0.275)
(12.99)
(0.961)
(1.196)
0.15*
CB177K0154K --
12.8
10.2
6.90
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.271)
(0.032)
(0.944)
(0.629)
(0.275)
(12.99)
(0.961)
(1.196)
0.180
CB187K0184+ --
15.3
13.7
5.60
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.220)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
0.220
CB187K0224+ --
15.3
13.7
6.00
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.236)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
*Only available in tolerance ±10%
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel
Film Chip Capacitors
PEN DIELECTRIC – CB Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com