Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTE1077N1-R Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE1077N1-R
Description  Peak Emission Wavelength: 770nm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE1077N1-R Datasheet(HTML) 1 Page - Marktech Corporate

  MTE1077N1-R Datasheet HTML 1Page - Marktech Corporate MTE1077N1-R Datasheet HTML 2Page - Marktech Corporate MTE1077N1-R Datasheet HTML 3Page - Marktech Corporate MTE1077N1-R Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
60
mA
Forward Current (Pulse)*1
IFP
0.5
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
Peak Emission Wavelength: 810nm
The MTE1081C consists of a 810nm high output infrared die in a water-clear 3mm plastic molded
package. Custom package solutions and sorting are available.
FEATURES
> High Output Power
> Compact
> High Reliability
APPLICATIONS
> Optical Switches & Sensors
> Optical Position Sensing / Security Systems
> Medical Applications / Optical Communication
> Currency Validation / Light Curtain
Infrared Emitter
Product No:
MTE1081C
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
--
6.5
--
mW
Forward Voltage
VF
IF=20mA
--
1.4
1.9
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
810
--
nm
Spectral Line Half Width
∆
λ
IF=20mA
--
30
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±25
--
deg
Junction Capacitance
Cj
1MHz, V=0V
--
60
--
pF
Temperature Coefficient of PO
P/T
IF=10mA
--
-0.6
--
%/0C
Temperature Coefficient of VF
V/T
IF=10mA
--
-2.0
--
mV/0C
*1: Tw=10µsec, T=10msec. *2: Time 5 Sec max, Position: Up to 3mm from the body.
2012-05-17


Similar Part No. - MTE1077N1-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1077N1 MARKTECH-MTE1077N1 Datasheet
647Kb / 4P
Visible Red Emitter
MTE1077N1 MARKTECH-MTE1077N1_15 Datasheet
647Kb / 4P
Visible Red Emitter
More results

Similar Description - MTE1077N1-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE1077M3A_R MARKTECH-MTE1077M3A_R Datasheet
550Kb / 2P
Peak Emission Wavelength: 770nm
MTE1077M3A-R MARKTECH-MTE1077M3A-R Datasheet
550Kb / 2P
Peak Emission Wavelength: 770nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
Peak Emission Wavelength: 850nm
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
Peak Emission Wavelength: 880nm
MTE9440CP MARKTECH-MTE9440CP Datasheet
882Kb / 4P
Peak Emission Wavelength: 945nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
Peak Emission Wavelength: 650nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com