Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2020AT-30ESO Datasheet(PDF) 13 Page - Microchip Technology

Part # DSPIC30F2020AT-30ESO
Description  28/44-Pin High-Performance Switch Mode Power Supply Digital Signal Controllers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2020AT-30ESO Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSPIC30F2020AT-30ESO Datasheet HTML 9Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 10Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 11Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 12Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 13Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 14Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 15Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 16Page - Microchip Technology DSPIC30F2020AT-30ESO Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 286 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70178C-page 11
dsPIC30F1010/202X
Table 1-1 provides a brief description of device I/O
pinouts for the dsPIC30F1010 and the functions that
may be multiplexed to a port pin. Multiple functions may
exist on one port pin. When multiplexing occurs, the
peripheral module’s functional requirements may force
an override of the data direction of the port pin.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS FOR dsPIC30F1010
Pin Name
Pin
Type
Buffer
Type
Description
AN0-AN5
I
Analog
Analog input channels.
AVDD
P
P
Positive supply for analog module.
AVSS
P
P
Ground reference for analog module.
CLKI
CLKO
I
O
ST/CMOS
—
External clock source input. Always associated with OSC1 pin function.
Oscillator crystal output. Connects to crystal or resonator in Crystal
Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always
associated with OSC2 pin function.
EMUD
EMUC
EMUD1
EMUC1
EMUD2
EMUC2
I/O
I/O
I/O
I/O
I/O
I/O
ST
ST
ST
ST
ST
ST
ICD Primary Communication Channel data input/output pin.
ICD Primary Communication Channel clock input/output pin.
ICD Secondary Communication Channel data input/output pin.
ICD Secondary Communication Channel clock input/output pin.
ICD Tertiary Communication Channel data input/output pin.
ICD Tertiary Communication Channel clock input/output pin.
INT0
INT1
INT2
I
I
I
ST
ST
ST
External interrupt 0
External interrupt 1
External interrupt 2
SFLT1
SFLT2
SFLT3
PWM1L
PWM1H
PWM2L
PWM2H
I
I
I
O
O
O
O
ST
ST
ST
—
—
—
—
Shared Fault Pin 1
Shared Fault Pin 2
Shared Fault Pin 3
PWM 1 Low output
PWM 1 High output
PWM 2 Low output
PWM 2 High output
MCLR
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is an
active low Reset to the device.
OC1
O
—
Compare outputs.
OCFLTA
I
ST
Output Compare Fault Pin
OSC1
OSC2
I
I/O
CMOS
—
Oscillator crystal input.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in FRC and EC modes.
PGD
PGC
PGD1
PGC1
PGD2
PGC2
I/O
I
I/O
I
I/0
I
ST
ST
ST
ST
ST
ST
In-Circuit Serial Programming™ data input/output pin.
In-Circuit Serial Programming clock input pin.
In-Circuit Serial Programming data input/output pin 1.
In-Circuit Serial Programming clock input pin 1.
In-Circuit Serial Programming data input/output pin 2.
In-Circuit Serial Programming clock input pin 2.
RB0-RB7
I/O
ST
PORTB is a bidirectional I/O port.
RA9
I/O
ST
PORTA is a bidirectional I/O port.
RD0
I/O
ST
PORTD is a bidirectional I/O port.
Legend: CMOS
=
CMOS compatible input or output
Analog
=
Analog input
ST
=
Schmitt Trigger input with CMOS levels
O
=
Output
I
=
Input
P
=
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com