Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWR06FB155KB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CWR06FB155KB
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06FB155KB Datasheet(HTML) 4 Page - Vishay Siliconix

  CWR06FB155KB Datasheet HTML 1Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 2Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 3Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 4Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 5Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 6Page - Vishay Siliconix CWR06FB155KB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CWR06
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
4
Document Number: 40009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT + 85 °C; 23 VDC AT + 125 °C
0.22
A
CWR06M(1)224(2)(3)(4)(5)
1.0
10
12
6
8
8
24.0
0.47
B
CWR06M(1)474(2)(3)(4)(5)
1.0
10
12
6
8
8
17.0
0.68
C
CWR06M(1)684(2)(3)(4)(5)
1.0
10
12
6
8
8
10.0
1.0
D
CWR06M(1)105(2)(3)(4)(5)
1.0
10
12
6
8
8
6.5
1.5
E
CWR06M(1)155(2)(3)(4)(5)
1.0
10
12
6
8
8
4.5
3.3
F
CWR06M(1)335(2)(3)(4)(5)
1.0
10
12
6
8
8
2.5
4.7
G
CWR06M(1)475(2)(3)(4)(5)
2.0
20
24
6
8
8
1.5
6.8
H
CWR06M(1)685(2)(3)(4)(5)
3.0
30
36
6
8
8
1.3
50 VDC AT + 85 °C; 33 VDC AT + 125 °C
0.10
A
CWR06N(1)104(2)(3)(4)(5)
1.0
10
12
6
8
8
22.0
0.15
A
CWR06N(1)154(2)(3)(4)(5)
1.0
10
12
6
8
8
25.0
0.22
B
CWR06N(1)224(2)(3)(4)(5)
1.0
10
12
6
8
8
17.0
0.33
B (1)
CWR06N(1)334(2)(3)(4)(5)
1.0
10
12
6
8
8
12.0
0.47
C
CWR06N(1)474(2)(3)(4)(5)
1.0
10
12
6
8
8
8.0
0.68
D
CWR06N(1)684(2)(3)(4)(5)
1.0
10
12
6
8
8
7.0
1.0
E
CWR06N(1)105(2)(3)(4)(5)
1.0
10
12
6
8
8
6.0
1.5
F
CWR06N(1)155(2)(3)(4)(5)
1.0
10
12
6
8
8
4.0
2.2
F
CWR06N(1)225(2)(3)(4)(5)
2.0
20
24
6
8
8
2.5
3.3
G
CWR06N(1)335(2)(3)(4)(5)
2.0
20
24
6
8
8
2.0
4.7
H
CWR06N(1)475(2)(3)(4)(5)
3.0
30
36
6
8
8
1.5
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT + 25 °C
100 kHz
(
)
+ 25 °C
+ 85 °C
+ 125 °C
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
Notes
• Part number definitions:
(1) Termination finish: B, C, H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, D, M, P, R, S, T
(4) Surge current (optional): A, B, C
(5) Packaging: Blank, /FA, /HR, /PR, /TR
(1) 5 % tolerance is not available for the 0.33 μF/50 V design



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com