Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE61S-4AF-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE61S-4AF-R
Description  5 Port PoE Switch Powered by ULTRA PoE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE61S-4AF-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE61S-4AF-R Datasheet HTML 1Page - Phihong USA Inc. POE61S-4AF-R Datasheet HTML 2Page - Phihong USA Inc. POE61S-4AF-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT:
The PoE extender can only receive power from an
“Ultra PoE” midspan, “Mega PoE” midspan, or
equivalent.
DC Input Voltage Range
45-57VDC
Ripple and Regulation
100mV maximum
DC Input Current
2.5A at 45VDC at maximum load
2.0A at 57VDC at maximum load
Efficiency
84% (typical) at full load and 48VDC
PoE Standard Compliance
Input
12.5K Internal Signature Resistance
Output
Detects a 25K Signature Resistance
ENVIRONMENTAL:
Temperature
Operation
-40 to +60°C
Non-operation
-40 to +85°C
Humidity
Operation
5 to 90%
Cable
Designed to operate up to 100 meters per IEEE
802.3, Cat 5e or Cat 6 rated for outdoor use
Weather Proof Enclosure
IP67 Compliant
Warranty
Limited Lifetime
Immunity
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 3
EFT/Burst:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 2
CS:
EN61000-4-6. Level 2
Note: RS and CS tested with POE75U-1UP
EMC
EN55022 Class B
FCC Part 15, Class B
Isolation Test
Input to Field Ground: 2121VDC for 1 minute
Output to Field Ground: 2121VDC for 1 minute
Insulation Resistance
Input and Output to field ground: >10 OHM
500VDC
FEATURE:
Over Voltage/Current, Short Circuit Protection
Outputs equipped with short circuit protection and
overload protection as per 802.3af specification
Indicators
Ethernet
Green Full Duplex, otherwise Half
Duplex
Green 100M, otherwise 10M
Yellow blinking, Ethernet activity
POE
INPUT
On: Input power OK
Off: No power or
voltage low
OUTPUT
On: POE output OK
Off: No POE output
Input and Output Data Connector
RJ45
Input/Output Case Ports
3 ¾ NPT holes compatible with standard ¾ NPT
conduit piping or Phihong wire glands
PGLAND750/PGLAND750-2 with fully
waterproof AC and Ethernet cables.
Network Switch
Network Switch must be Environment Rated B as
per paragraph 33.4.1.1 of the IEEE802.3at standard.
POE61S-4AF Characteristics
WWW.PHIHONG.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com