Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZJS1VB822 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EZJS1VB822
Description  Multilayer Varistor for ESD pulse [DC voltage lines]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJS1VB822 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EZJS1VB822 Datasheet HTML 1Page - Panasonic Semiconductor EZJS1VB822 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
5
4
3
2
1
L
T
W
L1
L2
1
2
3
4
56789
10
11
12
1
2
Product Code
Series Code
Size Code
0603
0805
V
Y
Packaging Style Code
Nominal Capacitance
f180 reel, Paper Taping
f180 reel, Embossed Taping
Design Code
(Example)
B
Max. Allowable
Voltage Code
C
D
DC 6 V
DC 18 V
DC 30 V
The first and second
digits denote the first 2
figures of capacitance
and the third digit
indicates the number
of zeros following.
■ Packaging Methods, Handling Precautions
Please see Data Files
■ Features
● Excellent ESD suppression due to advanced material
technology
● Meets IEC61000-4-2, Special Level 30 kV standard
● Can replace 2 Zener Diodes and 1 Capacitor
● RoHS compliant
Multilayer Varistor for ESD pulse
[DC voltage lines]
Series :
EZJS
■ Explanation of Part Numbers
No.
Name
1
Semiconductive Ceramics
2
Internal electrode
3
Terminal electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
■ Dimensions in mm (not to scale)
■ Construction
Size Code Size(inch)
L
W
T
L1, L2
1
0603
1.60±0.15
0.8±0.1
0.8±0.1
0.3±0.2
2
0805
2.0±0.2
1.25±0.20
0.8±0.2
0.50±0.25
1.25±0.20
Nov. 2012
01
70


Similar Part No. - EZJS1VB822

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EZJ-PZ PANASONICBATTERY-EZJ-PZ Datasheet
868Kb / 1P
Multi-Layer Ceramic Varistors
logo
Panasonic Semiconductor
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
Multilayer Varistors
EZJP PANASONIC-EZJP Datasheet
275Kb / 5P
Multilayer Varistor for ESD pulse
EZJP-M PANASONIC-EZJP-M Datasheet
2Mb / 16P
Multilayer Varistor
10-Dec-24
EZJP0V080DA PANASONIC-EZJP0V080DA Datasheet
275Kb / 5P
Multilayer Varistor for ESD pulse
More results

Similar Description - EZJS1VB822

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
Multilayer Varistor ESD Suppressor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
Multilayer Varistor for ESD pulse
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
Multilayer Chip Varistor for Surge
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
Multilayer varistor ESD suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
Multilayer Varistor for ESD pulse
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
Multilayer varistor ESD suppressor
MLVB EATON-MLVB Datasheet
339Kb / 2P
Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com