Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZJS2VB223 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EZJS2VB223
Description  Multilayer Varistor for ESD pulse [DC voltage lines]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJS2VB223 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EZJS2VB223 Datasheet HTML 1Page - Panasonic Semiconductor EZJS2VB223 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
Max. Leakage Current
1000
Max. Clamping Voltage
100
10
10–6
10–5
10–4
10–3
10–2
Current (A)
10–1
100
101
102
1
(Typical curve)
1000
1
10
100
1000
Frequency (kHz)
10000
100000
1000000
10000
100000
22000 pF typ.
8200 pF typ.
4700 pF typ.
1800 pF typ.
3900 pF typ.
(Typical curve)
10
–10
–40
Frequency (kHz)
8200 pF typ.
4700 pF typ.
3900 pF typ.
1800 pF typ.
22000 pF typ.
–50
1
10
100
1000
10000
100000
1000000 10000000
–60
–70
–30
–20
0
(Typical curve)
■ Ratings and Characteristics
Size
Part No.
Maximum Allowable
Voltage
DC (V)
Nominal Varistor
Voltage
at 0.1 mA (V)
Capacitance
at 1 kHz (pF)
Maximum ESD
IEC61000-4-2
0603
EZJS1VB822
6
12
8200 typ.
Contact discharge
: 30 kV
EZJS1VC392
18
30
3900 typ.
EZJS1VD182
30
50
1800 typ.
0805
EZJS2VB223
6
12
22000 typ.
EZJS2YC822
18
30
8200 typ.
EZJS2YD472
30
50
4700 typ.
● Operating Temperature Range: –40 to 85 °C
✽ Avoid flow soldering
■ Frequency vs. Capacitance
■ Frequency vs. Transmission
■ Voltage vs. Current
Nov. 2012
01
71



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com