Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29150DT33R Datasheet(PDF) 21 Page - STMicroelectronics

Part # LD29150DT33R
Description  1.5 A, very low drop voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150DT33R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LD29150DT33R Datasheet HTML 14Page - STMicroelectronics LD29150DT33R Datasheet HTML 15Page - STMicroelectronics LD29150DT33R Datasheet HTML 16Page - STMicroelectronics LD29150DT33R Datasheet HTML 17Page - STMicroelectronics LD29150DT33R Datasheet HTML 18Page - STMicroelectronics LD29150DT33R Datasheet HTML 19Page - STMicroelectronics LD29150DT33R Datasheet HTML 20Page - STMicroelectronics LD29150DT33R Datasheet HTML 21Page - STMicroelectronics LD29150DT33R Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LD29150xx
Revision history
Doc ID 9614 Rev 18
21/22
8
Revision history
Table 9.
Document revision history
Date
Revision
Changes
17-Jun-2004
5
Add figures 20 and 21, PPAK, TO-220 and TO-220FP mechanical
data updated.
19-Jul-2004
6
Remove Package TO-220FP4.
08-Nov-2004
7
Mistake Figure 7.
21-Mar-2005
8
Add VO and VINH on Table 2.
21-Oct-2005
9
Order Codes Has Been Updated.
17-Oct-2006
10
Add new package P²PAK.
13-Nov-2006
11
Add row TSHDN on tables of the electrical characteristics.
11-May-2007
12
Order codes updated.
15-Feb-2008
13
Added:
Table 1 on page 1.
28-Jul-2009
14
Modified:
Table 1 on page 1.
22-Sep-2010
15
Modified:
Table 1 on page 1.
27-Oct-2010
16
Updated: DPAK mechanical data
on page 16.
07-May-2012
17
Modified: pin connections for PPAK, P²PAK and DPAK
Figure 3 on
page 4.
06-Sep-2012
18
Updated: figure for P²PAK in cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com