Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA335W13TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA335W13TR
Description  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W13TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA335W13TR Datasheet HTML 9Page - STMicroelectronics STA335W13TR Datasheet HTML 10Page - STMicroelectronics STA335W13TR Datasheet HTML 11Page - STMicroelectronics STA335W13TR Datasheet HTML 12Page - STMicroelectronics STA335W13TR Datasheet HTML 13Page - STMicroelectronics STA335W13TR Datasheet HTML 14Page - STMicroelectronics STA335W13TR Datasheet HTML 15Page - STMicroelectronics STA335W13TR Datasheet HTML 16Page - STMicroelectronics STA335W13TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
STA335W
I2C bus specification
13/43
4
I2C bus specification
The STA335W supports the I2C protocol via the input ports SCL and SDA_IN (master to
slave) and the output port SDA_OUT (slave to master). This protocol defines any device
that sends data on to the bus as a transmitter and any device that reads the data as a
receiver. The device that controls the data transfer is known as the master and the other as
the slave. The master always starts the transfer and provides the serial clock for
synchronization. STA335W is always a slave device in all of its communications. It supports
up to 400 kb/s rate (fast-mode bit rate). STA335W I2C is a slave only interface.
4.1
Communication protocol
4.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. SDA transition
while the clock is high is used to identify a START or STOP condition.
4.1.2
Start condition
START is identified by a high to low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
4.1.3
Stop condition
STOP is identified by low to high transition of the data bus SDA signal while the clock signal
SCL is stable in the high state. A STOP condition terminates communication between
STA335W and the bus master.
4.1.4
Data input
During the data input the STA335W samples the SDA signal on the rising edge of clock
SCL. For correct device operation the SDA signal must be stable during the rising edge of
the clock and the data can change only when the SCL line is low.
4.2
Device addressing
To start communication between the master and the STA335W, the master must initiate with
a start condition. Following this, the master sends onto the SDA line 8-bits (MSB first)
corresponding to the device select address and read or write mode.
The seven most significant bits are the device address identifiers, corresponding to the I2C
bus definition. In the STA335W the I2C interface has two device addresses depending on
the SA port configuration, 0x38 when SA = 0, and 0x3A when SA = 1.
The eighth bit (LSB) identifies read or write operation RW, this bit is set to 1 in read mode
and to 0 for write mode. After a START condition the STA335W identifies on the bus the
device address and if a match is found, it acknowledges the identification on SDA bus
during the 9th bit time. The byte following the device identification byte is the internal space
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com