Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS3502 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ARS3502
Description  Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ARS3502 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  ARS3502 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ARS3502 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR3500 THRU AR3510
特性:FEATURES
.
Dimension in inches(millimeters)
尺寸单位:inch (mm)
◆大电流承受能力.High current capability
◆低成本.Low cost
◆扩散烧结. Diffused junction
◆正向压降低.Low forward voltage drop
◆低漏电. Low leakage current
◆高浪涌承受能力.High surge current capability
◆高温焊接保证:250℃/10 秒.High temperature soldering guaranteed:
250℃ for 10 seconds
机械性能:MECHANICAL DATA
◆ 封
装: 模塑 AR/ARS 封装.Case: AR/ARS molded plastic
◆ .端
子:镀锡端子,可焊接性符合MIL-STD-750,方法2026.
Terminals:Solder plated, solderable per MIL-STD-750 Method 2026
◆ 极
性:用阴极色带表示. Polarity : indicated by cathode band
◆ 安装位置:任意.Mounting Position: Any
◆ 重
量:1.8 克. Weight: 1.8 grams (0.07ounce)
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
AR/ARS
单 位
型
号 TYPE
符 号
3500
3501
3502
3504
3506
3508
3510
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
最大反向有效值电压
Working Peak Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
最大直流截止电压
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
最大正向平均整流电流Ta=125℃,
Maximum Average Forward Rectified Current
IF(AV)
35
A
峰值正向浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
400
A
最大瞬间正向压降@100A
Maximum Instantaneous Forward Voltage
Drop 100 A DC
VF
1.05
V
最大反向直流电流
Maximum DC Reverse Current Ta = 25℃
at Rated DCBlocking Voltage
Ta = 150℃
IR
1.0
200
μA
典型结电容
Typical Junction Capacitance
CJ
300
pF
工作及储存温度范围
Operating AND Storage Temperature Range
TJ
,TSTG
-55~+150
℃
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - ARS3502

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ARS3502 YANGJIE-ARS3502 Datasheet
751Kb / 2P
35.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Nantong Hornby Electron...
ARS3502 HORNBY-ARS3502 Datasheet
230Kb / 3P
HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - ARS3502

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
AR2500 GXELECTRONICS-AR2500 Datasheet
489Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR5000 GXELECTRONICS-AR5000 Datasheet
508Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR3500 GXELECTRONICS-DR3500 Datasheet
538Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DRB35L GXELECTRONICS-DRB35L Datasheet
535Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SC35A GXELECTRONICS-SC35A Datasheet
494Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB35L GXELECTRONICS-SCB35L Datasheet
511Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB50L GXELECTRONICS-SCB50L Datasheet
500Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQ5000 GXELECTRONICS-ZQ5000 Datasheet
498Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQB50L GXELECTRONICS-ZQB50L Datasheet
505Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com