Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP5N95K3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP5N95K3
Description  N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N95K3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP5N95K3 Datasheet HTML 2Page - STMicroelectronics STP5N95K3 Datasheet HTML 3Page - STMicroelectronics STP5N95K3 Datasheet HTML 4Page - STMicroelectronics STP5N95K3 Datasheet HTML 5Page - STMicroelectronics STP5N95K3 Datasheet HTML 6Page - STMicroelectronics STP5N95K3 Datasheet HTML 7Page - STMicroelectronics STP5N95K3 Datasheet HTML 8Page - STMicroelectronics STP5N95K3 Datasheet HTML 9Page - STMicroelectronics STP5N95K3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STD5N95K3, STF5N95K3, STP5N95K3, STU5N95K3
6/23
DocID15696 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for IPAK, DPAK
Figure 3. Thermal impedance for IPAK, DPAK
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
0.01
AM05586v1
Figure 4. Safe operating area for TO-220FP
Figure 5. Thermal impedance for TO-220FP
Figure 6. Safe operating area for TO-220
Figure 7. Thermal impedance for TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com