Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF9NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF9NM60N
Description  N-channel 600 V, 0.63 ohm, 6.5 A TO-220, TO-220FP, DPAK MDmesh ll Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF9NM60N Datasheet HTML 3Page - STMicroelectronics STF9NM60N Datasheet HTML 4Page - STMicroelectronics STF9NM60N Datasheet HTML 5Page - STMicroelectronics STF9NM60N Datasheet HTML 6Page - STMicroelectronics STF9NM60N Datasheet HTML 7Page - STMicroelectronics STF9NM60N Datasheet HTML 8Page - STMicroelectronics STF9NM60N Datasheet HTML 9Page - STMicroelectronics STF9NM60N Datasheet HTML 10Page - STMicroelectronics STF9NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STD9NM60N, STF9NM60N, STP9NM60N
Electrical characteristics
Doc ID 18063 Rev 1
7/16
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
8
10
5V
6V
VGS=10V
30
12
AM08165v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
10
12
VDS=20V
AM08166v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=480V
ID=6.5A
12
300
200
100
0
400
500
VDS
VGS
AM08167v1
RDS(on)
0.62
0.61
0.60
0.59
0
2
ID(A)
(
Ω)
1
3
0.63
0.64
0.65
0.66
VGS=10V
5
4
6
AM08168v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM08169v1
Eoss
1.5
1
0.5
0
0
100
VDS(V)
(µJ)
400
2
200
300
2.5
3
500
600
3.5
AM08170v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com