Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP150N3LLH6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STP150N3LLH6
Description  N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP150N3LLH6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STP150N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 9Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 10Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 11Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 12Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 13Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 14Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 15Page - STMicroelectronics STP150N3LLH6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STD150N3LLH6, STP150N3LLH6, STU150N3LLH6
12/16
Doc ID 15227 Rev 3
DIM.
mm.
min.
typ
max.
A
2.20
2.40
A1
0.901.10
A2
0.03
0.23
b
0.64
0.90
b4
5.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
D1
5.10
E
6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2
0 o
8 o
TO-252 (DPAK) mechanical data
0068772_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com