Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27M2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS27M2
Description  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2 Datasheet(HTML) 4 Page - STMicroelectronics

  TS27M2 Datasheet HTML 1Page - STMicroelectronics TS27M2 Datasheet HTML 2Page - STMicroelectronics TS27M2 Datasheet HTML 3Page - STMicroelectronics TS27M2 Datasheet HTML 4Page - STMicroelectronics TS27M2 Datasheet HTML 5Page - STMicroelectronics TS27M2 Datasheet HTML 6Page - STMicroelectronics TS27M2 Datasheet HTML 7Page - STMicroelectronics TS27M2 Datasheet HTML 8Page - STMicroelectronics TS27M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
TS27M2, TS27M2A, TS27M2B
4/14
Doc ID 2306 Rev 2
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC+ = +10 V, VCC- = 0 V, Tamb = +25° C
(unless otherwise specified)
Symbol
Parameter
TS27M2xC
TS27M2xI
TS27M2xM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
DC performance
Vio
Input offset voltage
VO = 1.4 V, Vic = 0 V TS27M2
TS27M2A
TS27M2B
Tmin ≤Tamb ≤Tmax
TS27M2
TS27M2A
TS27M2B
1.1
0.9
0.25
10
5
2
12
6.5
3
1.1
0.9
0.25
10
5
2
12
6.5
3.5
mV
DVio
Input offset voltage drift
2
2
µV/°C
Iio
Input offset current (1)
Vic = 5 V, VO = 5 V
Tmin ≤Tamb ≤Tmax
1
100
1
200
pA
Iib
Input bias current (1)
Vic = 5 V, VO = 5 V
Tmin ≤Tamb ≤Tmax
1
150
1
300
pA
VOH
High level output voltage
Vid = 100 mV, RL = 100 lΩ
Tmin ≤Tamb ≤Tmax
8.7
8.6
8.9
8.7
8.5
8.9
V
VOL
Low level output voltage
Vid = -100 mV
50
50
mV
Avd
Large signal voltage gain
ViC = 5 V, RL = 100 kΩ, Vo = 1 V to 6 V
Tmin ≤Tamb ≤Tmax
30
20
50
30
10
50
V/mV
CMR
Common mode rejection ratio
ViC = 1V to 7.4V, Vo = 1.4 V
65
80
65
80
dB
SVR
Supply voltage rejection ratio
VCC
+ = 5 V to 10 V, V
o = 1.4 V
60
80
60
80
dB
ICC
Supply current (per amplifier)
Av = 1, no load, Vo = 5 V
Tmin ≤Tamb ≤Tmax
150
200
250
150
200
300
µA
Io
Output short circuit current
Vo = 0 V, Vid = 100 mV
45
60
60
mA
Isink
Output sink current
Vo = VCC, Vid = -100 mV
34
45
45
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com