Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27M2CD Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS27M2CD
Description  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2CD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS27M2CD Datasheet HTML 6Page - STMicroelectronics TS27M2CD Datasheet HTML 7Page - STMicroelectronics TS27M2CD Datasheet HTML 8Page - STMicroelectronics TS27M2CD Datasheet HTML 9Page - STMicroelectronics TS27M2CD Datasheet HTML 10Page - STMicroelectronics TS27M2CD Datasheet HTML 11Page - STMicroelectronics TS27M2CD Datasheet HTML 12Page - STMicroelectronics TS27M2CD Datasheet HTML 13Page - STMicroelectronics TS27M2CD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ordering information
TS27M2, TS27M2A, TS27M2B
12/14
Doc ID 2306 Rev 2
5
Ordering information
Table 7.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS27M2CD
TS27M2CDT
0° C to +70° C
SO-8
Tube
Tape & reel
27M2C
TS27M2CN
DIP8
Tube
TS27M2CN
TS27M2CPT
TSSOP8
Tube
Tape & reel
27M2C
TS27M2ACD
TS27M2ACDT
SO-8
Tube
Tape & reel
27M2AC
TS27M2ACN
DIP8
Tube
S27M2ACN
TS27M2ACPT
TSSOP8
Tape & reel
2M2AC
TS27M2BCD
TS27M2BCDT
SO-8
Tube
Tape & reel
27M2BC
TS27M2BCN
DIP8
Tube
S27M2BCN
TS27M2BCPT
TSSOP8
Tape & reel
2M2BC
TS27M2ID
TS27M2IDT
-40° C to +125° C
SO-8
Tube
Tape & reel
27M2I
TS27M2IN
DIP8
Tube
TS27M2IN
TS27M2IPT
TSSOP8
Tape & reel
27M2I
TS27M2AID
TS27M2AIDT
SO-8
Tube
Tape & reel
27M2AI
TS27M2AIN
DIP8
Tube
S27M2AIN
TS27M2AIPT
TSSOP8
Tape & reel
2M2AI
TS27M2BID
TS27M2BIDT
SO-8
Tube
Tape & reel
27M2BI
TS27M2BIN
DIP8
Tube
S27M2BIN
TS27M2BIPT
TSSOP8
Tape & reel
2M2BI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com