Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS27M2CPT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS27M2CPT
Description  Low-power CMOS dual operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS27M2CPT Datasheet(HTML) 2 Page - STMicroelectronics

  TS27M2CPT Datasheet HTML 1Page - STMicroelectronics TS27M2CPT Datasheet HTML 2Page - STMicroelectronics TS27M2CPT Datasheet HTML 3Page - STMicroelectronics TS27M2CPT Datasheet HTML 4Page - STMicroelectronics TS27M2CPT Datasheet HTML 5Page - STMicroelectronics TS27M2CPT Datasheet HTML 6Page - STMicroelectronics TS27M2CPT Datasheet HTML 7Page - STMicroelectronics TS27M2CPT Datasheet HTML 8Page - STMicroelectronics TS27M2CPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute maximum ratings and operating conditions
TS27M2, TS27M2A, TS27M2B
2/14
Doc ID 2306 Rev 2
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
TS27M2x/Ax/Bx
Unit
VCC
+
Supply voltage (1)
1.
All values, except differential voltage are with respect to network ground terminal.
18
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input voltage (3)
3.
The magnitude of the input and the output voltages must never exceed the magnitude of the positive
supply voltage.
-0.3 to 18
V
Io
Output current for VCC
+ ≥ 15V
±30
mA
Iin
Input current
±5
mA
Rthja
(4)(5)
4.
Short-circuits can cause excessive heating and destructive dissipation.
5.
Rth are typical values.
SO-8
DIP8
TSSOP8
125
85
120
°C/W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(6)
6.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
500
V
MM: machine model(7)
7.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
CDM: charged device model(8)
8.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
TS27M2C/AC/BC
TS27M2I/AI/BI
TS27M2M/AM/BM
VCC
+
Supply voltage
3 to 16
V
Vicm
Common mode input voltage
range
0 to VCC
+ - 1.5
V
Toper
Operating free air temperature
range
0 to +70
-40 to +125
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com