Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21WS Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # BAV21WS
Description  High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BAV21WS Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  BAV21WS Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BAV21WS Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Ordering Information
Device
Package
Shipping
Tape
wide
Emboss
pitch
Tape
specification
Notes
BAS21M3
SOD323F
Tape & Reel
3000pcs /7” Reel
8 mm
4 mm
Conductive
Package Dimensions
2.50 ± 0.20
1.70 ± 0.10
(0.4)
0.65 + 0.10
- 0.05
0.8
3.0 to 3.2
( U nit :mm )
S O D 323F
* P ackage O utline
( U nit :m m )
Lan d P attern R ecom m en dation
0.11 + 0.10
- 0.05
0.30 + 0.10
- 0.05
Notes:
* Dimensions ofPO PPULA
  (JED EC /JEITA:S O D -323/S C -90)
High Voltage Switching Diode / DATA SHEET
BAS21M3
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com