Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 6 Page - Analog Devices

Part # OP481
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP481 Datasheet HTML 2Page - Analog Devices OP481 Datasheet HTML 3Page - Analog Devices OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 6 of 88
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
POWER REQUIREMENTS19, 20
Power Supply Voltages
AVDD/DVDD – AGND
2.7
V min
AVDD/DVDD = 3 V nom
3.6
V max
4.75
V min
AVDD/DVDD = 5 V nom
5.25
V max
Power Supply Currents Normal Mode21
DVDD Current4
10
4.5
mA typ
Core CLK = 2.097 MHz
AVDD Current
1.7
1.7
mA max
Core CLK = 2.097 MHz
DVDD Current
38
12
mA max
Core CLK = 16.78MHz/8.38 MHz 5 V/3 V
33
10
mA typ
Core CLK = 16.78MHz/8.38 MHz 5 V/3 V
AVDD Current
1.7
1.7
mA max
Core CLK = 16.78MHz/8.38 MHz 5 V/3 V
DVDD Current4
Power Supply Currents Idle Mode21
45
N/A
mA max
Core CLK = 20MHz ADuC841 Only
DVDD Current
4.5
2.2
mA typ
Core CLK = 2.097 MHz
AVDD Current
3
2
µA typ
Core CLK = 2.097 MHz
DVDD Current4
12
5
mA max
Core CLK = 16.78MHz/8.38 MHz 5 V/3 V
10
3.5
mA typ
Core CLK = 16.78MHz/8.38 MHz 5 V/3 V
AVDD Current
3
2
µA typ
Core CLK = 16.78MHz/8.38 MHz 5 V/3 V
Power Supply Currents Power-Down Mode21
Core CLK = any frequency
DVDD Current
28
20
18
10
µA max
µA typ
Oscillator Off / TIMECON.1 = 0
AVDD Current
2
1
µA typ
Core CLK = any frequency
ADuC841 Only
DVDD Current4
3
1
mA max
TIMECON.1 = 1
DVDD Current4
50
40
22
15
µA max
µA typ
Core CLK = any frequency
ADuC842/ADuC843 Only
Oscillator On
Typical Additional Power Supply Currents
PSM Peripheral
15
10
µA typ
AVDD = DVDD
ADC4
1.0
2.8
1.0
1.8
mA min
mA max
MCLK Divider = 32
MCLK Divider = 2
DAC
150
130
µA typ
See footnotes on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com