Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP196 Datasheet(PDF) 3 Page - Analog Devices

Part # OP196
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 3 Page - Analog Devices

  OP196 Datasheet HTML 1Page - Analog Devices OP196 Datasheet HTML 2Page - Analog Devices OP196 Datasheet HTML 3Page - Analog Devices OP196 Datasheet HTML 4Page - Analog Devices OP196 Datasheet HTML 5Page - Analog Devices OP196 Datasheet HTML 6Page - Analog Devices OP196 Datasheet HTML 7Page - Analog Devices OP196 Datasheet HTML 8Page - Analog Devices OP196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 3 of 88
SPECIFICATIONS1
Table 1. AVDD = DVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V; VREF = 2.5 V internal reference, fCORE = 16.78 MHz @ 5 V 8.38 MHz @ 3 V;
all specifications TA = TMIN to TMAX, unless otherwise noted
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
DC ACCURACY2, 3
fSAMPLE = 120 kHz, see the Typical
Performance Characteristics for typical
performance at other values of fSAMPLE
Resolution
12
12
Bits
Integral Nonlinearity
±1
±1
LSB max
2.5 V internal reference
±0.3
±0.3
LSB typ
Differential Nonlinearity
+1/–0.9
+1/–0.9
LSB max
2.5 V internal reference
±0.3
±0.3
LSB typ
Integral Nonlinearity4
±2
±1.5
LSB max
1 V external reference
Differential Nonlinearity4
+1.5/–0.9
+1.5/–0.9
LSB max
1 V external reference
Code Distribution
1
1
LSB typ
ADC input is a dc voltage
CALIBRATED ENDPOINT ERRORS5, 6
Offset Error
±3
±2
LSB max
Offset Error Match
±1
±1
LSB typ
Gain Error
±3
±2
LSB max
Gain Error Match
±1
±1
LSB typ
DYNAMIC PERFORMANCE
fIN = 10 kHz sine wave
fSAMPLE = 120 kHz
Signal-to-Noise Ratio (SNR)7
71
71
dB typ
Total Harmonic Distortion (THD)
–85
–85
dB typ
Peak Harmonic or Spurious Noise
–85
–85
dB typ
Channel-to-Channel Crosstalk8
–80
–80
dB typ
ANALOG INPUT
Input Voltage Range
0 to VREF
0 to VREF
V
Leakage Current
±1
±1
µA max
Input Capacitance
32
32
pF typ
TEMPERATURE SENSOR9
Voltage Output at 25°C
700
700
mV typ
Voltage TC
–1.4
–1.4
mV/°C typ
Accuracy
±1.5
±1.5
°C typ
Internal/External 2.5 V VREF
DAC CHANNEL SPECIFICATIONS
DAC load to AGND
Internal Buffer Enabled
ADuC841/ADuC842 Only
RL = 10 kΩ, CL = 100 pF
DC ACCURACY10
Resolution
12
12
Bits
Relative Accuracy
±3
±3
LSB typ
Differential Nonlinearity11
–1
–1
LSB max
Guaranteed 12-bit monotonic
±1/2
±1/2
LSB typ
Offset Error
±50
±50
mV max
VREF range
Gain Error
±1
±1
% max
AVDD range
±1
±1
% typ
VREF range
Gain Error Mismatch
0.5
0.5
% typ
% of full-scale on DAC1
ANALOG OUTPUTS
Voltage Range_0
0 to VREF
0 to VREF
V typ
DAC VREF = 2.5 V
Voltage Range_1
0 to VDD
0 to VDD
V typ
DAC VREF = VDD
Output Impedance
0.5
0.5
Ω typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com