Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG508ATCHIPS Datasheet(PDF) 1 Page - Analog Devices

Part # ADG508ATCHIPS
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508ATCHIPS Datasheet(HTML) 1 Page - Analog Devices

  ADG508ATCHIPS Datasheet HTML 1Page - Analog Devices ADG508ATCHIPS Datasheet HTML 2Page - Analog Devices ADG508ATCHIPS Datasheet HTML 3Page - Analog Devices ADG508ATCHIPS Datasheet HTML 4Page - Analog Devices ADG508ATCHIPS Datasheet HTML 5Page - Analog Devices ADG508ATCHIPS Datasheet HTML 6Page - Analog Devices ADG508ATCHIPS Datasheet HTML 7Page - Analog Devices ADG508ATCHIPS Datasheet HTML 8Page - Analog Devices ADG508ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS 4-/8-Channel
Analog Multiplexers
ADG508A/ADG509A
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
44 V supply maximum rating
VSS to VDD analog signal range
Single-/dual-supply specifications
Wide supply range: 10.8 V to 16.5 V
Extended plastic temperature range: −40°C to +85°C
Low power dissipation: 28 mW maximum
Low leakage: 20 pA typical
Available in 16-lead DIP/SOIC and 20-lead PLCC/LCC
packages
Superior alternative to
DG508A, HI-508
DG509A, HI-509
FUNCTIONAL BLOCK DIAGRAMS
ADG508A
S1
S8
D
A0 A1 A2 EN
DECODER
Figure 1. ADG508A
ADG509A
S1A
S4A
DA
A0 A1
EN
DECODER
DB
S1B
S4B
Figure 2. ADG509A
GENERAL DESCRIPTION
The ADG508A and ADG509A are CMOS monolithic analog
multiplexers with eight channels and dual four channels, respec-
tively. The ADG508A switches one of eight inputs to a common
output, depending on the state of three binary addresses and an
enable input. The ADG509A switches one of four differential
inputs to a common differential output, depending on the state
of two binary addresses and an enable input. Both devices have
TTL and 5 V CMOS logic-compatible digital inputs.
The ADG508A and ADG509A are designed on an enhanced
LC2MOS process that gives an increased signal capability of VSS
to VDD and enables operation over a wide range of supply voltages.
The devices can comfortably operate anywhere in the 10.8 V to
16.5 V single- or dual-supply range. These multiplexers also
feature high switching speeds and low RON.
PRODUCT HIGHLIGHTS
1.
Single-/Dual-Supply Specifications with a Wide Tolerance.
The devices are specified in the 10.8 V to 16.5 V range for
both single and dual supplies.
2.
Extended Signal Range. The enhanced LC2MOS processing
results in a high breakdown and an increased analog signal
range of VSS to VDD.
3.
Break-Before-Make Switching. Switches are guaranteed
break-before-make so that input signals are protected
against momentary shorting.
4.
Low Leakage. Leakage currents in the range of 20 pA make
these multiplexers suitable for high precision circuits.


Similar Part No. - ADG508ATCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508ATE AD-ADG508ATE Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
ADG508ATQ AD-ADG508ATQ Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
More results

Similar Description - ADG508ATCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
CMOS 4/8 Channel Analog Multiplexers
REV.B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
Rev. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com