Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822 Datasheet(PDF) 59 Page - Analog Devices

Part # AD822
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD822 Datasheet HTML 55Page - Analog Devices AD822 Datasheet HTML 56Page - Analog Devices AD822 Datasheet HTML 57Page - Analog Devices AD822 Datasheet HTML 58Page - Analog Devices AD822 Datasheet HTML 59Page - Analog Devices AD822 Datasheet HTML 60Page - Analog Devices AD822 Datasheet HTML 61Page - Analog Devices AD822 Datasheet HTML 62Page - Analog Devices AD822 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 59 of 88
MOSI is shared with P3.3 and, as such, has the same
configuration as the one shown in Figure 61.
MCO
I2C M
Q3
Q4
SCLOCK
PIN
Q2
Q1
(OFF)
DVDD
50ns GLITCH
REJECTION FILTER
SPE = 0 (I2C ENABLE)
HARDWARE I2C
(SLAVE ONLY)
SFR
BITS
Figure 63. SCLOCK Pin I/O Functional Equivalent in I2C Mode
Q3
Q1
Q2 (OFF)
DVDD
Q4 (OFF)
SDATA/
MOSI
PIN
SPE = 1 (SPI ENABLE)
HARDWARE SPI
(MASTER/SLAVE)
Figure 64. SDATA/MOSI Pin I/O Functional Equivalent in SPI Mode
Q3
Q4
Q2
Q1
DVDD
MCO
SDATA/
MOSI
PIN
(OFF)
50ns GLITCH
REJECTION FILTER
SPE = 0 (I2C ENABLE)
HARDWARE I2C
(SLAVE ONLY)
SFR
BITS
MCI
MDE
I2C M
Figure 65. SDATA/MOSI Pin I/O Functional Equivalent in I2C Mode
Read-Modify-Write Instructions
Some 8051 instructions that read a port read the latch while
others read the pin. The instructions that read the latch rather
than the pins are the ones that read a value, possibly change it,
and then rewrite it to the latch. These are called read-modify-
write instructions, which are listed below. When the destination
operand is a port or a port bit, these instructions read the latch
rather than the pin.
Table 27. Read-Write-Modify Instructions
Instruction
Description
ANL
Logical AND, e.g., ANL P1, A
ORL
(Logical OR, e.g., ORL P2, A
XRL
(Logical EX-OR, e.g., XRL P3, A
JBC
Jump if Bit = 1 and clear bit, e.g., JBC P1.1,
LABEL
CPL
Complement bit, e.g., CPL P3.0
INC
Increment, e.g., INC P2
DEC
Decrement, e.g., DEC P2
DJNZ
Decrement and Jump if Not Zero, e.g., DJNZ
P3, LABEL
MOV PX.Y, C1
Move Carry to Bit Y of Port X
CLR PX.Y1
Clear Bit Y of Port X
SETB PX.Y1
Set Bit Y of Port X
1 These instructions read the port byte (all 8 bits), modify the addressed bit,
and then write the new byte back to the latch.
Read-modify-write instructions are directed to the latch rather
than to the pin to avoid a possible misinterpretation of the
voltage level of a pin. For example, a port pin might be used to
drive the base of a transistor. When 1 is written to the bit, the
transistor is turned on. If the CPU then reads the same port bit
at the pin rather than the latch, it reads the base voltage of the
transistor and interprets it as a Logic 0. Reading the latch rather
than the pin returns the correct value of 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com