Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP490 Datasheet(PDF) 3 Page - Analog Devices

Part # OP490
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 3 Page - Analog Devices

  OP490 Datasheet HTML 1Page - Analog Devices OP490 Datasheet HTML 2Page - Analog Devices OP490 Datasheet HTML 3Page - Analog Devices OP490 Datasheet HTML 4Page - Analog Devices OP490 Datasheet HTML 5Page - Analog Devices OP490 Datasheet HTML 6Page - Analog Devices OP490 Datasheet HTML 7Page - Analog Devices OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP490
Rev. E | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VS = ±1.5 V to ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
0.6
1.0
mV
Input Offset Current
IOS
VCM = 0 V
0.4
5
nA
Input Bias Current
IB
VCM = 0 V
4.2
25
nA
Large Signal Voltage Gain
AVO
VS = ±15 V, VO = ±10 V
RL = 100 kΩ
400
800
V/mV
RL = 10 kΩ
200
400
V/mV
RL = 2 kΩ
100
200
V/mV
V+ = 5 V, V− = 0 V, 1 V < VO < 4 V
RL = 100 kΩ
100
250
V/mV
RL = 10 kΩ
70
140
V/mV
Input Voltage Range1
IVR
V+ = 5 V, V− = 0 V
0
4
V
Common-Mode Rejection Ratio
CMRR
V+ = 5 V, V− = 0 V, 0 V < VCM < 4 V
80
100
dB
VS = ±15 V, −15 V < VCM < +13.5 V
90
120
dB
Input Resistance Differential Mode
RIN
VS = ±15 V
30
MΩ
Input Resistance Common-Mode
RINCM
VS = ±15 V
20
GΩ
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO L
VS = ±15 V, RL = 10 kΩ
±13.5
±14.2
V
VS = ±15 V, RL = 2 kΩ
±10.5
±11.5
V
Output Voltage High
VOH
V+ = 5 V, V− = 0 V, RL = 2 kΩ
4.0
4.2
V
Output Voltage Low
VOL
V+ = 5 V, V− = 0 V, RL = 10 kΩ
100
500
μV
Capacitive Load Stability
AV = 1
650
pF
DYNAMIC PERFORMANCE
Slew Rate
SR
VS = ±15 V
5
12
V/ms
Channel Separation2
CS
fO = 10 Hz, VO = 20 V p-p, VS = ±15 V
120
150
dB
Gain Bandwidth Product
GBWP
AV = 1
20
kHz
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
3.2
10
μV/V
Supply Current (All Amplifiers)
ISY
VS = ±1.5 V, no load
40
60
μA
VS = ±15 V, no load
60
80
μA
NOISE PERFORMANCE
Voltage Noise
en p-p
fO = 0.1 Hz to 10 Hz, VS = ±15 V
3
μV p-p
Voltage Noise Density
en
f = 1 kHz
60
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.07
pA/√Hz
1 Guaranteed by CMRR test.
2 Guaranteed but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com