Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP490GSZ Datasheet(PDF) 13 Page - Analog Devices

Part # OP490GSZ
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490GSZ Datasheet(HTML) 13 Page - Analog Devices

Back Button OP490GSZ Datasheet HTML 8Page - Analog Devices OP490GSZ Datasheet HTML 9Page - Analog Devices OP490GSZ Datasheet HTML 10Page - Analog Devices OP490GSZ Datasheet HTML 11Page - Analog Devices OP490GSZ Datasheet HTML 12Page - Analog Devices OP490GSZ Datasheet HTML 13Page - Analog Devices OP490GSZ Datasheet HTML 14Page - Analog Devices OP490GSZ Datasheet HTML 15Page - Analog Devices OP490GSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP490
Rev. E | Page 13 of 16
DGND
A/B
28
IOUT1D
DAC DATA BUS
PIN 9 (LSB) TO PIN 16 (MSB)
OP490
DAC8408
DAC D
1/4
DAC8408
DAC C
1/4
DAC8408
DAC B
1/4
DAC8408
DAC A
1/4
DAC8408
VOUTD
1
4
11
14
+5V
2
3
13
12
10
9
7
5
6
23
IOUT2C/2D
24
IOUT2A/2B
5
IOUT1B
6
VREFD
21
19
18
DIGITAL
CONTROL
SIGNALS
20
17
DS2
DS1
R/W
+2.5V
REFERENCE
VOLTAGE
22
RFBD
VIND
C4
0.1µF
25
RFBC
VINC
C3
0.1µF
7
RFBB
VINB
C2
0.1µF
3
RFBA
VINA
C1
0.1µF
R4
10M
Ω
VOUTC
8
IOUT1C
25
VREFC
27
VREFB
8
R3
10M
Ω
VOUTA
IOUT1A
4
VREFA
2
VDD
1
R1
10M
Ω
VOUTB
R2
10M
Ω
1/4
OP490
B
1/4
OP490
A
1/4
OP490
C
1/4
OP490
D
Figure 25. Single-Supply Micropower Quad Programmable Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com