Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR434ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADR434ARMZ
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR434ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR434ARMZ Datasheet HTML 2Page - Analog Devices ADR434ARMZ Datasheet HTML 3Page - Analog Devices ADR434ARMZ Datasheet HTML 4Page - Analog Devices ADR434ARMZ Datasheet HTML 5Page - Analog Devices ADR434ARMZ Datasheet HTML 6Page - Analog Devices ADR434ARMZ Datasheet HTML 7Page - Analog Devices ADR434ARMZ Datasheet HTML 8Page - Analog Devices ADR434ARMZ Datasheet HTML 9Page - Analog Devices ADR434ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 6 of 24
ADR433 ELECTRICAL CHARACTERISTICS
VIN = 5.0 V to 18 V, IL = 0 mA, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VO
A Grade
2.996
3.000
3.004
V
B Grade
2.9985
3.000
3.0015
V
INITIAL ACCURACY1
VOERR
A Grade
±4
mV
±0.13
%
B Grade
±1.5
mV
±0.05
%
TEMPERATURE COEFFICIENT
TCVO
A Grade
−40°C < TA < +125°C
2
10
ppm/°C
B Grade
−40°C < TA < +125°C
1
3
ppm/°C
LINE REGULATION
∆VO/∆VIN
VIN = 5 V to 18 V, −40°C < TA < +125°C
5
20
ppm/V
LOAD REGULATION
∆VO/∆IL
IL = 0 mA to 10 mA, VIN = 6 V, −40°C < TA < +125°C
15
ppm/mA
∆VO/∆IL
IL = −10 mA to 0 mA, VIN = 6 V, −40°C < TA < +125°C
15
ppm/mA
QUIESCENT CURRENT
IIN
No load, −40°C < TA < +125°C
590
800
μA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10.0 Hz
3.75
μV p-p
VOLTAGE NOISE DENSITY
eN
1 kHz
90
nV/√Hz
TURN-ON SETTLING TIME
tR
CL = 0 μF
10
μs
LONG-TERM STABILITY2
∆VO
1000 hours
40
ppm
OUTPUT VOLTAGE HYSTERESIS
VO_HYS
20
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 1 kHz
−70
dB
SHORT CIRCUIT TO GND
ISC
40
mA
SUPPLY VOLTAGE
OPERATING RANGE
VIN
5.0
18
V
SUPPLY VOLTAGE HEADROOM
VIN − VO
2
V
1 Initial accuracy does not include shift due to solder heat effect.
2 The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com