Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRB50L Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # DRB50L
Description  Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

DRB50L Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  DRB50L Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. DRB50L Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRB50L THRU DRB50H
BOSCH
特性:FEATURES
◆正向压降低.Low forward voltage drop
◆低漏电. Low leakage current
.
◆高浪涌承受能力.High surge current capability
◆50A 工作在表面温度是125℃,无热损耗的情况下.
50Ampere Operation At TL=125℃ With No Thermal Runaway
机械性能:MECHANICAL DATA
◆封装:铜材质. Case: Copper
◆端子:镀银端子,焊接按照 MIL-STD-202,方法 208.
Terminals: solderable per
MIL-STD-202, method 208.
◆极性: 灌注红色环氧树脂(端子为正/P 型)
灌注黑色环氧树脂(端子为负/N 型)
Polarity : By RED Color Epoxy Potting. (Positive)
By BLACK Color Epoxy Potting. (Negative)
◆重量:6.8 克. Weight: 6.8grams
Dimension in millimeters
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
型
号 TYPE
符 号
DRB50L
DRB50M
DRB50H
单 位
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
16
20
28
V
最大反向有效值电压
Working Peak Reverse Voltage
VRMS
16
20
28
V
最大直流截止电压
Maximum DC Blocking Voltage
VDC
16
20
28
V
击穿电压最小值
Breakdown voltage Min@IBR=100mA/TA=25℃
VBRL
20
24
36
V
击穿电压最大值
Breakdown voltage Max@IBR=100mA/TA=25℃
VBRH
26
32
42
V
最大正向平均整流电流Ta=125℃,
Maximum Average Forward Rectified Current
IF(AV)
50
A
峰值正向浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
500
A
最大瞬间正向压降@100A
Maximum Instantaneous Forward Voltage
Drop at 100A DC
VF
1.02
V
最大反向直流电流 t=200ms
Maximum DC Reverse Current
Ta = 25℃
at Rated DC Blocking Voltage
Ta =150℃
IR
1.0
100
μA
工作及储存温度范围
Operating AND Storage Temperature Range
TJ
,TSTG
-55~+150
℃
注
释 : NOTE 在 1MHz 下测量,施加 4.0V D.C 的反向电压. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - DRB50L

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DRB50-12-1 RSG-DRB50-12-1 Datasheet
1Mb / 5P
15W to 100W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DRB50-12-1 TDK-DRB50-12-1 Datasheet
128Kb / 2P
AC-DC Power Supplies
June 07, 2022
DRB50-15-1 TDK-DRB50-15-1 Datasheet
128Kb / 2P
AC-DC Power Supplies
June 07, 2022
logo
RSG Electronic Componen...
DRB50-24-1 RSG-DRB50-24-1 Datasheet
1Mb / 5P
15W to 100W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DRB50-24-1 TDK-DRB50-24-1 Datasheet
128Kb / 2P
AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DRB50L

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
AR3500 GXELECTRONICS-AR3500 Datasheet
509Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR5000 GXELECTRONICS-AR5000 Datasheet
508Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR3500 GXELECTRONICS-DR3500 Datasheet
538Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DRB35L GXELECTRONICS-DRB35L Datasheet
535Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SC35A GXELECTRONICS-SC35A Datasheet
494Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB35L GXELECTRONICS-SCB35L Datasheet
511Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB50L GXELECTRONICS-SCB50L Datasheet
500Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQ5000 GXELECTRONICS-ZQ5000 Datasheet
498Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQB50L GXELECTRONICS-ZQB50L Datasheet
505Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com