Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3Z2V7C Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # M3Z2V7C
Description  Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

M3Z2V7C Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  M3Z2V7C Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. M3Z2V7C Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. M3Z2V7C Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta = 25 ℃)
Symbol
Parameter
Value
Units
P
D
Power Dissipation
200
mW
T
J
Junction Temperature
150
℃
T
STG
Storage Temperature
-65 to +150
℃
I
ZM
Maximum Regulator Current
P
D/VZ
mA
Electrical Characteristics (Ta = 25 ℃)
Type
Number
Device
Marking
Vz (V) *1
Zzt(Ω)
Iz
(mA)
Zzk(Ω)
Izk
(mA)
I
R(μA)
V
R
(V)
min.
typ.
max.
max.
max.
max.
M3Z2V4C
2v4
2.28
2.40
2.52
94
5
564
1
45
1.0
M3Z2V7C
2v7
2.57
2.70
2.84
94
5
564
1
18
1.0
M3Z3V0C
3v0
2.85
3.00
3.15
89
5
564
1
9
1.0
M3Z3V3C
3v3
3.14
3.30
3.47
89
5
564
1
4.5
1.0
M3Z3V6C
3v6
3.42
3.60
3.78
84
5
564
1
4.5
1.0
M3Z3V9C
3v9
3.71
3.90
4.10
84
5
564
1
2.7
1.0
M3Z4V3C
4v3
4.09
4.30
4.52
84
5
564
1
2.7
1.0
M3Z4V7C
4v7
4.47
4.70
4.94
75
5
470
1
2.7
2.0
M3Z5V1C
5v1
4.85
5.10
5.36
56
5
451
1
1.8
2.0
M3Z5V6C
5v6
5.32
5.60
5.88
37
5
376
1
0.9
2.0
M3Z6V2C
6v2
5.89
6.20
6.51
9
5
141
1
2.7
4.0
Continued next page
Zener Diodes / DATA SHEET (Preliminary)
M3Z2V4C – M3Z75VC series
◇ Constant Voltage control
◇ Wide Voltage Range Selection 2.4V to 75V
◇ Vz tolerance selection of ±5%(C series)
◇ SOD323F Thin SMD package (Fig-1)
◇ RoHS compliant / Green EMC
◇ Matte Tin (Sn) Lead finish
◇ Moisture Level Sensitivity 1
◇ Cathode Band / Device marking
Refer to table list
0.65mm Typ
Fig.-1 Package. height
5v1
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - M3Z2V7C

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M3Z1228C-MP COMPUTAR-M3Z1228C-MP Datasheet
408Kb / 1P
3X 12mm - 36mm F2.8 for 2/3 type Cameras, Megapixel Vari-focal C-Mount
2004.5
logo
Gaomi Xinghe Electronic...
M3Z3V6B GXELECTRONICS-M3Z3V6B Datasheet
365Kb / 2P
Zener Diodes
M3Z3V9B GXELECTRONICS-M3Z3V9B Datasheet
365Kb / 2P
Zener Diodes
M3Z4V3B GXELECTRONICS-M3Z4V3B Datasheet
365Kb / 2P
Zener Diodes
M3Z4V7B GXELECTRONICS-M3Z4V7B Datasheet
365Kb / 2P
Zener Diodes
More results

Similar Description - M3Z2V7C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com