Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR3045CT
Description  30.0 AMPS. Schottky Barrier Rectifiers Voltage Range 35 to 100 Volts Current 30.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MBR3045CT Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  MBR3045CT Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MBR3045CT Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES (MBR3035CT THRU MBR30100CT)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
10
100
50
100
0
150
250
200
300
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0 1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
0.1
0.01
1
10
50
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
Tj=150 C
0
MBR3035CT-MBR3045CT
MBR3050CT & MBR3060CT
MBR3090CT-MBR30100CT
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
MBR3035CT-MBR3045CT
MBR3050CT & MBR30100CT
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBR3035CT-MBR3045CT
MBR3050CT & MBR3060CT
MBR3090CT-MBR30100CT
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
6
12
18
24
30
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
Current
MBR3035CT THRU MBR30100CT
30.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts
30.0 Amperes
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com