Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3090CT Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR3090CT
Description  30.0 AMPS. Schottky Barrier Rectifiers Voltage Range 35 to 100 Volts Current 30.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MBR3090CT Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  MBR3090CT Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MBR3090CT Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current
MBR3035CT THRU MBR30100CT
30.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts
30.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220 molded plastic
Terminals: Leads solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBR
3035
CT
MBR
3045
CT
MBR
3050
CT
MBR
3060
CT
MBR
3090
CT
MBR
30100
CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
V
Maximum Average Forward Rectified Current at
TC=130
oC
I(AV)
30
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=130
oC
IFRM
30.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
250
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=15A, Tc=25
OC
IF=15A, Tc=125
OC
IF=30A, Tc=25
OC
IF=30A, Tc=125
OC
VF
0.7
0.6
0.82
0.73
0.75
0.65
-
-
0.84
0.70
0.94
0.82
V
Maximum Instantaneous Reverse Current
@ Tc=25
℃ at Rated DC Blocking Voltage Per Leg
@ Tc=125
℃ (Note 2)
IR
0.2
40
0.2
50
0.2
60
mA
mA
Voltage Rate of Change, (Rated VR)
dV/dt
1,000
V/uS
Maximum Thermal Resistance Per Leg (Note 3)
R
θ
JC
1.0
1.5
℃/W
Typical Junction Capacitance
Cj
600
460
320
pF
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4”x6”x0.25”) Al-Plate.
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - MBR3090CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR3090CT TSC-MBR3090CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3090CT TSC-MBR3090CT Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR3090CT PANJIT-MBR3090CT Datasheet
69Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR3090CT TSC-MBR3090CT Datasheet
490Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3090CT TSC-MBR3090CT Datasheet
218Kb / 2P
30.0AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3090CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT Datasheet
98Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_1 Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT Datasheet
111Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_10 Datasheet
490Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3090CT KERSEMI-MBR3090CT Datasheet
818Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
MBR30L45CT BYTESONIC-MBR30L45CT Datasheet
932Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS VOLTAGE 45 Volts CURRENT 30.0 Amperes
Version 1.1 2018/9/10
logo
First Silicon Co., Ltd
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MUR3010PT FS-MUR3010PT Datasheet
266Kb / 3P
30.0 AMPS. Glass Passivated Super Fast Rectifiers Reverse Voltage 100 to 600 Volts Forward Current 30.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com