Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECA1AM331 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECA1AM331
Description  Aluminum Electrolytic Capacitors/ M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1AM331 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECA1AM331 Datasheet HTML 1Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 2Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 3Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 4Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ M
φ10<
φd±0.05
Sleeve
14 min.
3min.
L✽
φ6.3<
✽ L<16:L±1.0
L
>20:L
±2.0
Pressure relief
+
–
φ4to φ8
φD+0.5
φD+0.5
■ Features
● Endurance : 85 °C 2000 h
● Smaller than series SU
● RoHS directive compliant
Radial Lead Type
Series:
M
Type:
A
■ Specifications
Category Temp. Range
–40 °C to + 85 °C
–25 °C to +85 °C
Rated W.V. Range
6.3 V.DC to 100 V.DC
160 V.DC to 450 V.DC
Nominal Cap. Range
0.1 µF to 22000 µF
1 µF to 470 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes
(Whichever is greater)
I
< 0.06 CV +10 (µA) After 2 minutes
tan
δ
Please see the attached standard products list
Endurance
After applying rated working voltage for 2000 hours at +85°C±2 °C, when the capacitors are
restored to 20 °C, capacitors shall meet the following limits.
Capacitance change ±20 % of initial measured value
tan
δ
<150 % of initial specified value
DC leakage current
<initial specified value
Shelf Life
After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
■ Dimensions in mm (not to scale)
(mm)
Body Dia.
φD5
6.3
8
10
12.5
16
18
Lead Dia.
φd0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
[mm]
Mar. 2008


Similar Part No. - ECA1AM331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1AM331 PANASONIC-ECA1AM331 Datasheet
308Kb / 5P
Radial Lead Type
ECA1AM331 PANASONIC-ECA1AM331 Datasheet
308Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA1AM331 PANASONIC-ECA1AM331 Datasheet
105Kb / 5P
Aluminum Electrolytic Capacitors M
ECA1AM331 PANASONIC-ECA1AM331 Datasheet
107Kb / 5P
Aluminum Electrolytic Capacitor M
ECA1AM331 PANASONIC-ECA1AM331 Datasheet
107Kb / 5P
Radial Lead Type
More results

Similar Description - ECA1AM331

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
Aluminum Electrolytic Capacitors M
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
Aluminum Electrolytic Capacitors M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com