Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCB50H Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SCB50H
Description  Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SCB50H Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SCB50H Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SCB50H Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCB50L THRU SCB50H
特性:FEATURES
SC
◆大电流承受能力.High current capability
◆低成本.Low cost
.
◆正向压降低.Low forward voltage drop
◆低漏电. Low leakage current
◆高浪涌承受能力.High surge current capability
机械性能:MECHANICAL DATA
◆ 小铜粒:Φ0.258 (6.55) x 0.0394(1.0)厚度
Small copper:Φ0.258 (6.55) x 0.0394(1.0)Thick
◆ 大铜粒:Φ0.285(7.23) x 0.0295(0.75)厚度
Large copper:Φ0.285(7.23) x 0.0295(0.75)Thick
◆ 外观信息:Φ0.285 (7.23) x 0.08 (2.05±0.05)厚度
Outline information:Φ0.285 (7.23) x 0.08 (2.05±0.05)Thick
◆ 极 性:大铜粒端为阴极。
。
Polarity:Large copper cathode
Dimension in millimeters:mm
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
型
号 TYPE
符 号
SCB50L
SCB50M
SCB50H
单 位
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
16
20
28
V
最大反向有效值电压
Working Peak Reverse Voltage
VRMS
16
20
28
V
最大直流截止电压
Maximum DC Blocking Voltage
VDC
16
20
28
V
击穿电压最小值
Breakdown voltage Min@IBR=100mA/TA=25℃
VBRL
20
24
36
V
击穿电压最大值
Breakdown voltage Max@IBR=100mA/TA=25℃
VBRL
26
32
42
V
最大正向平均整流电流Ta=125℃,
Maximum Average Forward Rectified Current
IF(AV)
50
A
峰值正向浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
500
A
最大瞬间正向压降@100A
Maximum Instantaneous Forward Voltage
Drop at 100A DC
VF
1.02
V
最大反向直流电流 t=200ms
Maximum DC Reverse Current
Ta = 25℃
at Rated DC Blocking Voltage
Ta =150℃
IR
1.0
100
μA
工作及储存温度范围
Operating AND Storage Temperature Range
TJ
,TSTG
-55~+150
℃
注
释 : NOTE 在 1MHz 下测量,施加 4.0V D.C 的反向电压. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1
XINGHE ELECTRONICS
星合电子


Similar Part No. - SCB50H

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB564310 CELDUC-SCB564310 Datasheet
83Kb / 2P
Double Solid State Relay
SCB565300 CELDUC-SCB565300 Datasheet
105Kb / 2P
Double Solid State Relay
More results

Similar Description - SCB50H

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
AR2500 GXELECTRONICS-AR2500 Datasheet
489Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR3500 GXELECTRONICS-AR3500 Datasheet
509Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
AR5000 GXELECTRONICS-AR5000 Datasheet
508Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR3500 GXELECTRONICS-DR3500 Datasheet
538Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
DRB35L GXELECTRONICS-DRB35L Datasheet
535Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SC35A GXELECTRONICS-SC35A Datasheet
494Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
SCB35L GXELECTRONICS-SCB35L Datasheet
511Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQ5000 GXELECTRONICS-ZQ5000 Datasheet
498Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
ZQB50L GXELECTRONICS-ZQB50L Datasheet
505Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com