Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1602 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SF1602
Description  REVERSE VOLTAGE - 50 to 600Volts FORWARD CURRENT - 16.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SF1602 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SF1602 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SF1602 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Super fast switching time for high efficiency
●
Low forward voltage drop
High current capabiltiy
●
Low reverse leakage current
●
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
●
Case: TO-220AC molded plastic
●
Epoxy: UL94V-0 rate flame retadant
●
Mounting position :Any
●
Weight: 2.24 grams
●
polarity:As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SF
SF
SF
SF
SF
SF
SF
1601
1602
1603
1604
1605
1606
1608
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 16.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note1)
TRR
50
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃
/W
Operating and Storage Temperature Range
TJ,TSTG
℃
SF1601 thru SF1608
I(AV)
UNIT
SYMBOL
CHARACTERISTICS
16.0
Dimensions in inches and (millimeters)
REVERSE VOLTAGE - 50 to 600Volts
FORWARD CURRENT - 16.0 Amperes
IFSM
1.0
1.25
300
A
40
10
A
35
IR
μA
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
150
2.5
80
3.Thermal resistance junction to ambient
-55 to + 150
TO-220AC
.413(10.5)
.374(9.5)
.146(3.7)
.153(3.9)
.108
(2.75)
.04 MAX
(1.0)
.051
(1.3)
.032(0.8)
.043(1.1)
.102(2.6)
.091(2.3)
.270(6.9)
.230(5.8)
.157
(4.0)
.583(14.8)
.610(15.5)
.583(14.8)
.531(13.5)
.187(4.7)
.148(3.8)
.047(1.2)
.055(1.4)
.024(0.6)
.012(0.3)
.126
(3.2)
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - SF1602

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SF1602 ASEMI-SF1602 Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
logo
Shanghai Shunye Electro...
SF1602 SHUNYE-SF1602 Datasheet
226Kb / 3P
Super Fast Recovery Rectifier Diode
V2.22
logo
PACELEADER INDUSTRIAL
SF1602CT PACELEADER-SF1602CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1602CT YEASHIN-SF1602CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
Dongguan City Niuhang E...
SF1602CT NIUHANG-SF1602CT Datasheet
423Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
More results

Similar Description - SF1602

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEP1601 DAESAN-HEP1601 Datasheet
267Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP161 DAESAN-SFP161 Datasheet
280Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFP1610 DAESAN-UFP1610 Datasheet
285Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFR1610 DAESAN-UFR1610 Datasheet
279Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
FR1601 DAESAN-FR1601 Datasheet
290Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
HER1601 DAESAN-HER1601 Datasheet
313Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
FP1601 DAESAN-FP1601 Datasheet
313Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
SF161 DAESAN-SF161 Datasheet
348Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
logo
Leshan Radio Company
1H8 LRC-1H8_15 Datasheet
257Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com